Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC898300XA-MH Datasheet(PDF) 2 Page - ON Semiconductor

Part # LC898300XA-MH
Description  Linear Vibrator Driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898300XA-MH Datasheet(HTML) 2 Page - ON Semiconductor

  LC898300XA-MH Datasheet HTML 1Page - ON Semiconductor LC898300XA-MH Datasheet HTML 2Page - ON Semiconductor LC898300XA-MH Datasheet HTML 3Page - ON Semiconductor LC898300XA-MH Datasheet HTML 4Page - ON Semiconductor LC898300XA-MH Datasheet HTML 5Page - ON Semiconductor LC898300XA-MH Datasheet HTML 6Page - ON Semiconductor LC898300XA-MH Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LC898300XA
No.A2053-2/7
Recommended Operating Conditions at Ta = -30 to 85
°C, VSS = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage range
VDD
2.7
3.0
3.3
V
Input voltage range
VIN1
0
-
VDD
V
*1: Input voltage without diode connection to VDD. (SDA, SCL)
Electrical Characteristics
Ratings
Parameter
Symbol
Conditions
Applied pin
min
typ
max
Unit
DC characteristics at VSS = 0V, VDD = 2.7 to 3.3V, Ta = -30 to 85°C
High level input voltage
VIH1
0.7VDD
-
-
V
Low level input voltage
VIL1
CMOS
TEST
-
-
0.2VDD
V
High level input voltage
VIH2
1.5
-
-
V
Low level input voltage
VIL2
CMOS
EN
-
-
0.36
V
High level input voltage
VIH3
1.5
-
-
V
Low level input voltage
VIL3
CMOS Schmitt
RSTB, SDA
, SCL
-
-
0.36
V
Low level output voltage
VOL
IOL = 4mA
SDA
-
-
0.4
V
Input leakage current
IIL
VI = VDD, VSS
RSTB, EN
, SDA, SCL
-10
-
+10
μA
Analog characteristics at VSS = 0V, VDD = 3V, Ta = 25°C
H-bridge ON resistance Pch
RONP
IF = 100mA
-
2.5
-
Ω
H-bridge ON resistance Nch
RONN
IS = 100mA
-
1.5
-
Ω
Adjustable resonance frequency
range
Fmo
vs typ value
-10
-
+10
%
Package Dimensions
unit : mm (typ)
3429
SANYO : WLP9(1.39X1.21)
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
1.39
1
2
3
0.295
0.4
0.20


Similar Part No. - LC898300XA-MH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC898300XA SANYO-LC898300XA Datasheet
94Kb / 7P
   Linear Vibrator Driver IC
More results

Similar Description - LC898300XA-MH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC898300XA SANYO-LC898300XA Datasheet
94Kb / 7P
   Linear Vibrator Driver IC
logo
ON Semiconductor
LC898302AXA-D ONSEMI-LC898302AXA-D Datasheet
117Kb / 8P
   Linear Vibrator Driver
May, 2022
LC898301XA ONSEMI-LC898301XA Datasheet
189Kb / 12P
   Liner Vibrator Driver IC
October, 2013 Ver. 2.1
LC898301AXA ONSEMI-LC898301AXA Datasheet
160Kb / 12P
   Liner Vibrator Driver IC CMOS LSI
May, 2022 - Rev. 4
logo
Maxim Integrated Produc...
MAX1749 MAXIM-MAX1749 Datasheet
108Kb / 8P
   SOT23 Vibrator Motor Driver
19-1455; Rev 1; 6/99
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
S8300 KODENSHI-S8300 Datasheet
355Kb / 9P
   Linear LED Driver IC
logo
Sanyo Semicon Device
LB1909M SANYO-LB1909M Datasheet
71Kb / 4P
   Monolithic Linear IC Stepping Motor Driver IC
logo
Analog Intergrations Co...
AIC1993 AIC-AIC1993_15 Datasheet
304Kb / 8P
   Linear Fan Control Driver IC
logo
Panasonic Semiconductor
AN8389S PANASONIC-AN8389S Datasheet
277Kb / 5P
   4 Channel Linear Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com