Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040A Datasheet(PDF) 8 Page - ON Semiconductor

Part # LM4040A
Description  Precision Micro-Power Shunt Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM4040A Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LM4040A Datasheet HTML 4Page - ON Semiconductor LM4040A Datasheet HTML 5Page - ON Semiconductor LM4040A Datasheet HTML 6Page - ON Semiconductor LM4040A Datasheet HTML 7Page - ON Semiconductor LM4040A Datasheet HTML 8Page - ON Semiconductor LM4040A Datasheet HTML 9Page - ON Semiconductor LM4040A Datasheet HTML 10Page - ON Semiconductor LM4040A Datasheet HTML 11Page - ON Semiconductor LM4040A Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LM4040, LM4041
http://onsemi.com
8
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. LM4040 − 2.5 V (RS = 30 k)
Figure 3. LM4040 − 5 V (RS = 30 k)
RESPONSE TIME (ms)
RESPONSE TIME (ms)
40
30
20
10
0
0
1
2
3
0
5
80
60
40
20
0
0
2
4
6
0
5
10
Figure 4. LM4041 − 1.225 V (RS = 30 k)
RESPONSE TIME (ms)
40
30
20
10
0
0
0.5
1.0
1.5
0
5
Figure 5. Reverse Characteristics
(LM4040 − 2.5 V)
Figure 6. Reverse Characteristics
(LM4040 − 5 V)
REVERSE VOLTAGE (V)
REVERSE VOLTAGE (V)
3.0
2.5
2.0
1.5
1.0
0.5
0
0
20
40
60
80
100
6
5
4
3
2
1
0
0
20
40
60
80
100
−40°C
+25°C
+85°C
−40°C
+25°C
+85°C


Similar Part No. - LM4040A

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
LM4040A-1.2 SS-LM4040A-1.2 Datasheet
478Kb / 4P
   Precision Micropower Shunt Voltage Reference in bare die f o r m
Rev 1.0 02/11/21
LM4040A-1.2 SS-LM4040A-1.2 Datasheet
594Kb / 4P
   Voltage Reference
Rev 1.1 28/07/22
LM4040A-1.2 SS-LM4040A-1.2_V01 Datasheet
594Kb / 4P
   Voltage Reference
Rev 1.1 28/07/22
LM4040A-10 SS-LM4040A-10 Datasheet
421Kb / 4P
   Voltage Reference
Rev 1.0 26/10/23
LM4040A-2.5 SS-LM4040A-2.5 Datasheet
441Kb / 4P
   Voltage Reference
More results

Similar Description - LM4040A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com