Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040E Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM4040E
Description  Precision Micro-Power Shunt Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM4040E Datasheet(HTML) 4 Page - ON Semiconductor

  LM4040E Datasheet HTML 1Page - ON Semiconductor LM4040E Datasheet HTML 2Page - ON Semiconductor LM4040E Datasheet HTML 3Page - ON Semiconductor LM4040E Datasheet HTML 4Page - ON Semiconductor LM4040E Datasheet HTML 5Page - ON Semiconductor LM4040E Datasheet HTML 6Page - ON Semiconductor LM4040E Datasheet HTML 7Page - ON Semiconductor LM4040E Datasheet HTML 8Page - ON Semiconductor LM4040E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LM4040, LM4041
http://onsemi.com
4
Table 5. DC ELECTRICAL CHARACTERISTICS
(IR = 100 mA, TA = −40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Symbol
Units
Limits
Test Conditions
Parameter
Symbol
Units
Max
Typ
Min
Test Conditions
Parameter
2.500 V
IR_MIN
Minimum Operating Current
45
65
mA
DVR/DT
Reverse Breakdown Voltage
Temperature Coefficient
IR = 10 mA
±20
ppm/°C
IR = 1 mA
LM4040A, B, C
±15
±100
LM4040D, E
±15
±150
IR = 100 mA
±15
DVR/DIR
Reverse Breakdown Voltage
Change with Operating Current
IR_MIN ≤ IR
1 mA
LM4040A, B, C
0.3
1.0
mV
LM4040D, E
0.3
1.2
1 mA ≤ IR
15 mA
LM4040A, B, C
2.5
8
LM4040D, E
2.5
10
ZR
Reverse Dynamic Impedance
IR = 1 mA,
f = 120 Hz,
IAC = 0.1 IR
LM4040A, B
0.3
0.8
W
LM4040C
0.3
0.9
LM4040D, E
0.3
1.1
eN
Wideband Noise
IR = 100 mA, 10 Hz ≤ f ≤ 10 KHz
350
mVRMS
DVR
Reverse Breakdown Voltage
Long Term Stability
T = 1000 h
120
ppm
VHYST
Thermal Hysteresis (Note 2)
DT = −40°C to +125°C
0.08
%
3.000 V
VR
Reverse Breakdown Voltage
TA = +25°C
LM4040A (0.1%)
2.997
3.000
3.003
V
LM4040B (0.2%)
2.994
3.000
3.006
LM4040C (0.5%)
2.985
3.000
3.015
LM4040D (1.0%)
2.970
3.000
3.030
LM4040E (2.0%)
2.940
3.000
3.060
VR
Reverse Breakdown Voltage
Tolerance
LM4040A
±3
±22
mV
LM4040B
±6
±26
LM4040C
±15
±34
LM4040D
±30
±59
LM4040E
±60
±89
IR_MIN
Minimum Operating Current
45
65
mA
DVR/DT
Reverse Breakdown Voltage
Temperature Coefficient
IR = 10 mA
±20
ppm/°C
IR = 1 mA
LM4040A, B, C
±15
±100
LM4040D, E
±15
±150
IR = 100 uA
±15
DVR/DIR
Reverse Breakdown Voltage
Change with Operating Current
IR_MIN ≤ IR
1 mA
LM4040A, B, C
0.4
1.1
mV
LM4040D, E
0.4
1.3
1mA ≤ IR
15 mA
LM4040A, B, C
2.7
9
LM4040D, E
2.7
11
1. Guaranteed by design.
2. Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature −40°C and the 25°C measure-
ment after cycling to temperature +125°C.


Similar Part No. - LM4040E

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
LM4040E-2.5 SS-LM4040E-2.5 Datasheet
596Kb / 4P
   Voltage Reference
Rev 1.1 29/07/22
LM4040E-4.1 SS-LM4040E-4.1 Datasheet
595Kb / 4P
   Voltage Reference
Rev 1.1 29/07/22
logo
National Semiconductor ...
LM4040EEM3-2.0 NSC-LM4040EEM3-2.0 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
LM4040EEM3-2.5 NSC-LM4040EEM3-2.5 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040EEM3-2.5/NOPB TI1-LM4040EEM3-2.5/NOPB Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4040E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com