Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM385Z-2.5 Datasheet(PDF) 6 Page - ON Semiconductor

Part # LM385Z-2.5
Description  Micropower Voltage Reference Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM385Z-2.5 Datasheet(HTML) 6 Page - ON Semiconductor

  LM385Z-2.5 Datasheet HTML 1Page - ON Semiconductor LM385Z-2.5 Datasheet HTML 2Page - ON Semiconductor LM385Z-2.5 Datasheet HTML 3Page - ON Semiconductor LM385Z-2.5 Datasheet HTML 4Page - ON Semiconductor LM385Z-2.5 Datasheet HTML 5Page - ON Semiconductor LM385Z-2.5 Datasheet HTML 6Page - ON Semiconductor LM385Z-2.5 Datasheet HTML 7Page - ON Semiconductor LM385Z-2.5 Datasheet HTML 8Page - ON Semiconductor LM385Z-2.5 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LM285, LM385B
http://onsemi.com
6
ORDERING INFORMATION
Device
Operating Temperature Range
Reverse Break-Down
Voltage
Package
Shipping
LM285D-1.2
TA = -40°C to +85°C
1.235 V
SOIC-8
98 Units / Rail
LM285D-1.2G
SOIC-8
(Pb-Free)
98 Units / Rail
LM285D-1.2R2
SOIC-8
2500 / Tape & Reel
LM285D-1.2R2G
SOIC-8
(Pb-Free)
2500 / Tape & Reel
LM285D-2.5
2.500 V
SOIC-8
98 Units / Rail
LM285D-2.5G
SOIC-8
(Pb-Free)
98 Units / Rail
LM285D-2.5R2
SOIC-8
2500 / Tape & Reel
LM285D-2.5R2G
SOIC-8
(Pb-Free)
2500 / Tape & Reel
LM285Z-1.2
1.235 V
TO-92
2000 Units / Bag
LM285Z-1.2G
TO-92
(Pb-Free)
2000 Units / Bag
LM285Z-2.5
2.500 V
TO-92
2000 Units / Bag
LM285Z-2.5G
TO-92
(Pb-Free)
2000 Units / Bag
LM285Z-1.2RA
1.235 V
TO-92
2000 / Tape & Reel
LM285Z-1.2RAG
TO-92
(Pb-Free)
2000 / Tape & Reel
LM285Z-2.5RA
2.500 V
TO-92
2000 / Tape & Reel
LM285Z-2.5RAG
TO-92
(Pb-Free)
2000 / Tape & Reel
LM285Z-2.5RP
TO-92
2000 Units / Fan-Fold
LM285Z-2.5RPG
TO-92
(Pb-Free)
2000 Units / Fan-Fold
LM385BD-1.2
TA = 0°C to +70°C
1.235 V
SOIC-8
98 Units / Rail
LM385BD-1.2G
SOIC-8
(Pb-Free)
98 Units / Rail
LM385BD-1.2R2
SOIC-8
2500 / Tape & Reel
LM385BD-1.2R2G
SOIC-8
(Pb-Free)
2500 / Tape & Reel
LM385BD-2.5
2.500 V
SOIC-8
98 Units / Rail
LM385BD-2.5G
SOIC-8
(Pb-Free)
98 Units / Rail
LM385BD-2.5R2
SOIC-8
2500 / Tape & Reel
LM385BD-2.5R2G
SOIC-8
(Pb-Free)
2500 / Tape & Reel
LM385BZ-1.2
1.235 V
TO-92
2000 Units / Bag
LM385BZ-1.2G
TO-92
(Pb-Free)
2000 Units / Bag
LM385BZ-1.2RA
TO-92
2000 / Tape & Reel
LM385BZ-1.2RAG
TO-92
(Pb-Free)
2000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - LM385Z-2.5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM385Z-2.5 MOTOROLA-LM385Z-2.5 Datasheet
110Kb / 7P
   MICROPOWER VOLTAGE REFERENCE DIODES
logo
National Semiconductor ...
LM385Z-2.5 NSC-LM385Z-2.5 Datasheet
742Kb / 13P
   Micropower Voltage Reference Diode
logo
Linear Technology
LM385Z-2.5 LINER-LM385Z-2.5 Datasheet
147Kb / 8P
   Micropower Voltage Reference
logo
Texas Instruments
LM385Z-2.5 TI-LM385Z-2.5 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
logo
ON Semiconductor
LM385Z-2.5 ONSEMI-LM385Z-2.5 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
More results

Similar Description - LM385Z-2.5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM285 MOTOROLA-LM285 Datasheet
110Kb / 7P
   MICROPOWER VOLTAGE REFERENCE DIODES
logo
ON Semiconductor
LM385D-1.2R2G ONSEMI-LM385D-1.2R2G Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_16 Datasheet
100Kb / 9P
   Micropower Voltage Reference Diodes
October, 2016 ??Rev. 9
LM385Z-25G ONSEMI-LM385Z-25G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_05 Datasheet
88Kb / 9P
   Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
LM285 ONSEMI-LM285 Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_08 Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-25R2G ONSEMI-LM385D-25R2G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com