Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1G50DTT1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74VHC1G50DTT1G
Description  Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G50DTT1G Datasheet(HTML) 6 Page - ON Semiconductor

  MC74VHC1G50DTT1G Datasheet HTML 1Page - ON Semiconductor MC74VHC1G50DTT1G Datasheet HTML 2Page - ON Semiconductor MC74VHC1G50DTT1G Datasheet HTML 3Page - ON Semiconductor MC74VHC1G50DTT1G Datasheet HTML 4Page - ON Semiconductor MC74VHC1G50DTT1G Datasheet HTML 5Page - ON Semiconductor MC74VHC1G50DTT1G Datasheet HTML 6Page - ON Semiconductor MC74VHC1G50DTT1G Datasheet HTML 7Page - ON Semiconductor MC74VHC1G50DTT1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC74VHC1G50
http://onsemi.com
6
Figure 9. Reel Dimensions
13.0 mm ±0.2 mm
(0.512 in ±0.008 in)
1.5 mm MIN
(0.06 in)
50 mm MIN
(1.969 in)
20.2 mm MIN
(0.795 in)
FULL RADIUS
tMAX
G
A
REEL DIMENSIONS
Tape Size
8mm
T and R Suffix
T1, T2
AMax
178 mm
(7 in)
G
8.4 mm, + 1.5 mm, --0.0
(0.33 in + 0.059 in, --0.00)
tMax
14.4 mm
(0.56 in)
Figure 10. Reel Winding Direction
DIRECTION OF FEED
BARCODE LABEL
HOLE
POCKET


Similar Part No. - MC74VHC1G50DTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G50DTT1G ONSEMI-MC74VHC1G50DTT1G Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
MC74VHC1G50DTT1G ONSEMI-MC74VHC1G50DTT1G Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
MC74VHC1G50DTT1G ONSEMI-MC74VHC1G50DTT1G Datasheet
176Kb / 15P
   Buffer
April, 2022 ??Rev. 18
More results

Similar Description - MC74VHC1G50DTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G50 ONSEMI-MC74VHC1G50 Datasheet
184Kb / 8P
   Buffer
February, 2000 ??Rev. 0
MC74VHC1G50DFT1G ONSEMI-MC74VHC1G50DFT1G Datasheet
260Kb / 8P
   Buffer
March, 2006 -- Rev. 12
logo
Minilogic Device Corpor...
ML74UL34 MINILOGIC-ML74UL34 Datasheet
119Kb / 3P
   Buffer
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_18 Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
MC74VHC1G50 ONSEMI-MC74VHC1G50_V01 Datasheet
176Kb / 15P
   Buffer
April, 2022 ??Rev. 18
MC74VHC1G50 ONSEMI-MC74VHC1G50_06 Datasheet
254Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50 ONSEMI-MC74VHC1G50_18 Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
logo
Integrated Device Techn...
IDT5V2305PGGI IDT-IDT5V2305PGGI Datasheet
74Kb / 10P
   CLOCK BUFFER PERFORMANCE CLOCK BUFFER
logo
PHOENIX CONTACT
2908283 PHOENIX-2908283 Datasheet
83Kb / 5P
   Buffer module - QUINT4-BUFFER/24DC/40
2907913 PHOENIX-2907913 Datasheet
82Kb / 5P
   Buffer module - QUINT4-BUFFER/24DC/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com