Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC123Y02J00F Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC123Y02J00F
Description  DIP 4pin Reinforced Insulation Type Photocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123Y02J00F Datasheet(HTML) 2 Page - Sharp Corporation

  PC123Y02J00F Datasheet HTML 1Page - Sharp Corporation PC123Y02J00F Datasheet HTML 2Page - Sharp Corporation PC123Y02J00F Datasheet HTML 3Page - Sharp Corporation PC123Y02J00F Datasheet HTML 4Page - Sharp Corporation PC123Y02J00F Datasheet HTML 5Page - Sharp Corporation PC123Y02J00F Datasheet HTML 6Page - Sharp Corporation PC123Y02J00F Datasheet HTML 7Page - Sharp Corporation PC123Y02J00F Datasheet HTML 8Page - Sharp Corporation PC123Y02J00F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Sheet No.: D2-A09401EN
PC123N02J00F Series
■ Internal Connection Diagram
■ Outline Dimensions
(Unit : mm)
Product mass : approx. 0.23g
Anode
Cathode
Emitter
Collector
1
1
2
3
4
2
4
3
1. Through-Hole [ex. PC123N02J00F]
PC123
6.5±
0.3
7.62±
0.30
0.26±
0.10
4.58±
0.30
Anode mark
0.5±
0.1
θ
θ
θ : 0 to 13˚
Epoxy resin
1
2
4
3
Rank mark
Factory identification mark
Date code
Product mass : approx. 0.23g
2. Through-Hole (VDE option)
[ex. PC123YN2J00F]
Product mass : approx. 0.23g
Product mass : approx. 0.23g
3. Wide Through-Hole Lead-Form
[ex. PC123F02J00F]
4. Wide Through-Hole Lead-Form (VDE option)
[ex. PC123Y02J00F]
PC123
6.5±
0.3
7.62±
0.30
4.58±
0.30
Anode mark
0.5±
0.1
θ
θ
θ : 0 to 13˚
Epoxy resin
1
2
4
3
Rank mark
Factory identification mark
Date code
SHARP mark "S"
VDE idenfication mark
0.26±
0.10
4
PC123
6.5
±0.3
7.62
±0.30
Epoxy resin
4.58
±0.30
0.26
±0.10
10.16
±0.50
Anode mark
1
2
3
4
0.5
±0.1
Rank mark
Factory identification mark
Date code
PC123
6.5
±0.3
7.62
±0.30
Epoxy resin
4.58
±0.30
0.26
±0.10
10.16
±0.50
Anode mark
1
2
3
4
0.5
±0.1
Rank mark
Factory identification mark
Date code
SHARP mark "S"
VDE idenfication mark
4


Similar Part No. - PC123Y02J00F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
PC123Y TOSHIBA-PC123Y Datasheet
5Mb / 70P
   COLOUR TELEVISION
logo
Sharp Corporation
PC123YJ0000F SHARP-PC123YJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results

Similar Description - PC123Y02J00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123F1J000F SHARP-PC123F1J000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY2J00F SHARP-PC123FY2J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123XNNSZ0F SHARP-PC123XNNSZ0F Datasheet
287Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY8J00F SHARP-PC123FY8J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC12311NSZ0F SHARP-PC12311NSZ0F Datasheet
491Kb / 16P
   DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC3SH21YFZ SHARP-PC3SH21YFZ Datasheet
308Kb / 15P
   VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com