Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAS2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STAS2
Description  Hirschmann Automation and Control GmbH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STAS2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STAS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Contact surface material
Sn
Contact bearer material
PA
Housing material
PA
Environmental conditions
Protection class (IEC 60529)
IP 54
Pollution severity
3
Temperature range
-30 ºC to +90 ºC
Inflammability class
Housing
UL 94 HB
Contact bearer
UL 94 V-0
Approvals
UL
UL
Packing unit
Packaging unit
100 pieces
Scope of delivery and accessories
Accessories to order separately
safety brackets STASI 2,
order no. 732 044-000
page 2 of 2


Similar Part No. - STAS2

ManufacturerPart #DatasheetDescription
logo
GREATECS
STASBNG15TR GREATECS-STASBNG15TR Datasheet
167Kb / 1P
   4 x 3 mm Miniature SMT Tactile Switches
STASBNG20TR GREATECS-STASBNG20TR Datasheet
167Kb / 1P
   4 x 3 mm Miniature SMT Tactile Switches
STASBNN15TR GREATECS-STASBNN15TR Datasheet
167Kb / 1P
   4 x 3 mm Miniature SMT Tactile Switches
STASBNN20TR GREATECS-STASBNN20TR Datasheet
167Kb / 1P
   4 x 3 mm Miniature SMT Tactile Switches
STASBPG15TR GREATECS-STASBPG15TR Datasheet
167Kb / 1P
   4 x 3 mm Miniature SMT Tactile Switches
More results

Similar Description - STAS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G4A5M ETC2-G4A5M Datasheet
146Kb / 2P
   Hirschmann Automation and Control GmbH
M-SFP-SXLC ETC2-M-SFP-SXLC Datasheet
149Kb / 2P
   Hirschmann Automation and Control GmbH
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
Holt Integrated Circuit...
HI-4853 HOLTIC-HI-4853 Datasheet
1Mb / 14P
   Process Control and Factory Automation
logo
Amphenol Corporation
P29045 AMPHENOL-P29045 Datasheet
14Mb / 28P
   FACTORY AUTOMATION POWER AND CONTROL MEDIA
logo
TE Connectivity Ltd
602-430-XXX TEC-602-430-XXX Datasheet
332Kb / 4P
   HIRSCHMANN MOBILITY
logo
EDA Technology Co.,LTD
ED-CM4IND10-0232-4C-I EDATEC-ED-CM4IND10-0232-4C-I Datasheet
2Mb / 5P
   Industrial Computer for IoT, Industrial Control and Automation
logo
Amphenol Corporation
C091-31G006-100-2 AMPHENOL-C091-31G006-100-2 Datasheet
3Mb / 52P
   Amphenol-Tuchel Electronics GmbH
logo
ALPS ELECTRIC CO.,LTD.
SKHHLRA010 ALPS-SKHHLRA010 Datasheet
711Kb / 8P
   ALPS ELECTRIC EUROPA GMBH
logo
List of Unclassifed Man...
RS199 ETC2-RS199 Datasheet
187Kb / 1P
   EDSYN GMBH EUROPA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com