Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1107 Datasheet(PDF) 8 Page - ams AG

Part # AS1107
Description  8-Digit LED Display Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1107 Datasheet(HTML) 8 Page - ams AG

Back Button AS1107 Datasheet HTML 4Page - ams AG AS1107 Datasheet HTML 5Page - ams AG AS1107 Datasheet HTML 6Page - ams AG AS1107 Datasheet HTML 7Page - ams AG AS1107 Datasheet HTML 8Page - ams AG AS1107 Datasheet HTML 9Page - ams AG AS1107 Datasheet HTML 10Page - ams AG AS1107 Datasheet HTML 11Page - ams AG AS1107 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.28
7 - 21
AS1106, AS1107
Datasheet - Ty pical Operating Characteristics
Figure 7. AS1106 Segment Output Current
Figure 8. AS1107 Segment Output Current
Figure 9. ISEG vs. VOUT
Figure 10. ISEG vs. VOUT
Figure 11. ISEG vs. RSET
Intensity = 31/32 (0Fh)
0
5
10
15
20
25
30
35
40
45
50
0.0
5.0 10.0 15.0 20.0 25.0 30.0 35.0 40.0
Time (µs)
Intensity = 15/16 (0Fh)
0
5
10
15
20
25
30
35
40
45
50
0.0
5.0 10.0 15.0 20.0 25.0 30.0 35.0 40.0
Time (µs)
0
5
10
15
20
25
30
35
40
45
50
00.5
11.5
22.533.5
44.5
5
VOUT (V)
VDD = 2.7V
0
5
10
15
20
25
00.511.522.5
VOUT (V)
RSET = 10k
Ω
RSET = 20k
Ω
RSET = 40k
Ω
RSET = 40k
Ω
RSET = 10k
Ω
RSET = 20k
Ω
0
10
20
30
40
50
60
0
10
2030
4050
6070
80
RSET (k
Ω)
VOUT = 2.4V
VOUT
= 4V
VOUT = 2V
VOUT = 1.7V
VDD = 2.7V
VDD = 5V


Similar Part No. - AS1107

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1107 AMSCO-AS1107 Datasheet
698Kb / 20P
   8-Digit LED Display Drivers
AS1107 AMSCO-AS1107 Datasheet
656Kb / 20P
   8-Digit LED Display Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1107 TAOS-AS1107 Datasheet
1Mb / 22P
   Low-Dropout LED Drivers
logo
ams AG
AS1107PL AMSCO-AS1107PL Datasheet
698Kb / 20P
   8-Digit LED Display Drivers
AS1107PL AMSCO-AS1107PL Datasheet
656Kb / 20P
   8-Digit LED Display Drivers
More results

Similar Description - AS1107

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1106 AMSCO-AS1106 Datasheet
698Kb / 20P
   8-Digit LED Display Drivers
AS1106 AMSCO-AS1106_1 Datasheet
656Kb / 20P
   8-Digit LED Display Drivers
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
ICM7218 MAXIM-ICM7218 Datasheet
460Kb / 12P
   8 Digit LED Display Driver
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
ICM7211 MAXIM-ICM7211_05 Datasheet
8Mb / 16P
   Four Digit Display Decoder/Drivers
Rev 2; 11/05
ICM7211 MAXIM-ICM7211 Datasheet
668Kb / 16P
   Four Digit Display Decoder/Drivers
19-959; Rev 1; 11/89
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com