Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1107WL-T Datasheet(PDF) 6 Page - ams AG

Part # AS1107WL-T
Description  8-Digit LED Display Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1107WL-T Datasheet(HTML) 6 Page - ams AG

Back Button AS1107WL-T Datasheet HTML 2Page - ams AG AS1107WL-T Datasheet HTML 3Page - ams AG AS1107WL-T Datasheet HTML 4Page - ams AG AS1107WL-T Datasheet HTML 5Page - ams AG AS1107WL-T Datasheet HTML 6Page - ams AG AS1107WL-T Datasheet HTML 7Page - ams AG AS1107WL-T Datasheet HTML 8Page - ams AG AS1107WL-T Datasheet HTML 9Page - ams AG AS1107WL-T Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.28
5 - 21
AS1106, AS1107
Datasheet - Electrical Character i s t ics
Notes:
1. See Figure 12 on page 8 for more information.
2. All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality
Control) methods.
Table 5. Timing Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tCP
CLK Clock Period
100
ns
tCH
CLK Pulse Width High
50
ns
tCL
CLK Pulse Width Low
50
ns
tCSS
CSM Fall to CLK Rise Setup Time
(AS1107 or AS1106 SPI-programmed)
25
ns
tCSH
CLK Rise to LOAD/CSN Rise
Hold Time
0ns
tDS
DIN Setup Time
25
ns
tDH
DIN Hold Time
0ns
tDO
Output Data Propagation Delay
CLOAD = 50pF
25
ns
tLDCK
LOAD Rising Edge to Next Clock Rising Edge
(AS1106 only)
50
ns
tCSW
Minimum LOAD/CSN Pulse High
50
ns
tDSPD
Data-to-Segment Delay
2.25
ms


Similar Part No. - AS1107WL-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1107WL-T AMSCO-AS1107WL-T Datasheet
698Kb / 20P
   8-Digit LED Display Drivers
AS1107WL-T AMSCO-AS1107WL-T Datasheet
656Kb / 20P
   8-Digit LED Display Drivers
More results

Similar Description - AS1107WL-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1106 AMSCO-AS1106 Datasheet
698Kb / 20P
   8-Digit LED Display Drivers
AS1106 AMSCO-AS1106_1 Datasheet
656Kb / 20P
   8-Digit LED Display Drivers
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
ICM7218 MAXIM-ICM7218 Datasheet
460Kb / 12P
   8 Digit LED Display Driver
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
ICM7211 MAXIM-ICM7211_05 Datasheet
8Mb / 16P
   Four Digit Display Decoder/Drivers
Rev 2; 11/05
ICM7211 MAXIM-ICM7211 Datasheet
668Kb / 16P
   Four Digit Display Decoder/Drivers
19-959; Rev 1; 11/89
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com