Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXA91107P02 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PXA91107P02
Description  Buccaneer짰 Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PXA91107P02 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PXA91107P02 Datasheet HTML 6Page - List of Unclassifed Manufacturers PXA91107P02 Datasheet HTML 7Page - List of Unclassifed Manufacturers PXA91107P02 Datasheet HTML 8Page - List of Unclassifed Manufacturers PXA91107P02 Datasheet HTML 9Page - List of Unclassifed Manufacturers PXA91107P02 Datasheet HTML 10Page - List of Unclassifed Manufacturers PXA91107P02 Datasheet HTML 11Page - List of Unclassifed Manufacturers PXA91107P02 Datasheet HTML 12Page - List of Unclassifed Manufacturers PXA91107P02 Datasheet HTML 13Page - List of Unclassifed Manufacturers PXA91107P02 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
22
Fax: +44 (0) 20 8507 2691
Email: sales@Bulgin.co.uk
Buccaneer® Connectors
Cap Assembly Tools
PX0733
Fits all other
types.
PX0734
Fits Flex
Mounting types.
PNo 13027 Insertion and
Extraction Tool for 25 way insert
BNC Inserts
Standard Buccaneer®
Sealing Cap/Assembly Tool
Maintains IP68 Rating of
Unmated Connectors
Can be used to remove
Inserts
Two Styles, One for Flex
Mount and One for Panel
Mount & Flex In-Line
Connector
BNC Inserts
50 or 75 ohms available
Fit all Standard Connector
Versions
Insertion and Extraction Tool
For Use with 25 Way Inserts
No. Contacts
Cable Diameter
2-9 Pole
6-8mm
25 Pole
7-9mm
BNC
RG 58/CU, URM43, URM76, URM70
Cable
Gland
Gland
Additional
Diameter
Part No.
Colour
Suffix
6-8mm
12023
Black
Standard for 2-9 pole
3.5-5mm
12023/5
Grey
Suffix /04
5-7mm
12023/1
White
Suffix /05
7-9mm
12023/2
Yellow
Suffix /07
Gland Pack
SA3253
Pack of 3 glands to suit cables
3.5-5mm, 5-7mm & 7-9mm dia
To order connector with alternative cable gland add suffix to
part no. e.g. PX0731/P/07 = PX0731 connector with cable
gland to suit 7-9mm dia. cable.
Tools
Crimp Tool (25 Way)
PNo. 13170
Crimp Tool (9 Way)
PNo. 13826
Insertion/Extraction Tool (25 Way)
PNo. 13027
Hex Cavities for BNC Inserts
Centre Contact:
1.69 A/F
(B.S. ‘W’/ERMA XA)
Braid:
6.48 A/F
(B.S. ‘E’/ERMA XH)
25 way inserts (Assembled)
Contacts for 25 Way Inserts
Crimp or Solder Pins and
Sockets
Gold Plated
1A, 50V
Contacts - Solder & Crimp
Contacts
(Supplied in packs of 10)
Solder
Crimp
Pins
SA3180/1
SA3180
Sockets
SA3179/1
SA3179
Cable Acceptance - Standard as supplied
Cable Acceptance - Alternatives


Similar Part No. - PXA91107P02

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PXA980 BULGIN-PXA980 Datasheet
451Kb / 6P
   900 Series Buccaneer짰
More results

Similar Description - PXA91107P02

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0415 BULGIN-PX0415 Datasheet
209Kb / 3P
   SMB Buccaneer짰
PX0417 BULGIN-PX0417 Datasheet
327Kb / 4P
   FireWire Buccaneer짰
PX0840 BULGIN-PX0840 Datasheet
552Kb / 6P
   USB Buccaneer짰
SA3159 BULGIN-SA3159 Datasheet
343Kb / 4P
   Mini Buccaneer짰
PX0836 BULGIN-PX0836 Datasheet
458Kb / 6P
   Ethernet Buccaneer짰
PX0482 BULGIN-PX0482 Datasheet
509Kb / 6P
   400 Series Buccaneer짰
PX0911 BULGIN-PX0911 Datasheet
451Kb / 6P
   900 Series Buccaneer짰
logo
Switchcraft, Inc.
AAA3FPBAUZ SWITCH-AAA3FPBAUZ Datasheet
195Kb / 2P
   CONNECTORS & RECEPTACLES AAA CONNECTORS
logo
Adels-Contact
112003B1 ADELS-112003B1 Datasheet
118Kb / 1P
   Screwless Connectors Block Connectors
06/01/2020
040015 ADELS-040015 Datasheet
119Kb / 2P
   Screwless Connectors Luminaire Connectors
06/01/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com