Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130-BSST Datasheet(PDF) 6 Page - ams AG

Part # AS1130-BSST
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130-BSST Datasheet(HTML) 6 Page - ams AG

Back Button AS1130-BSST Datasheet HTML 2Page - ams AG AS1130-BSST Datasheet HTML 3Page - ams AG AS1130-BSST Datasheet HTML 4Page - ams AG AS1130-BSST Datasheet HTML 5Page - ams AG AS1130-BSST Datasheet HTML 6Page - ams AG AS1130-BSST Datasheet HTML 7Page - ams AG AS1130-BSST Datasheet HTML 8Page - ams AG AS1130-BSST Datasheet HTML 9Page - ams AG AS1130-BSST Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
5 - 38
AS1130
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Note:
The Min / Max values of the Timing Characteristics are guaranteed by design.
Table 4. Logic Inputs/Outputs Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IIH, IIL
Logic Input Current
VIN = 0V or VDD
-1
1
A
VIH
CMOS Logic High Input Voltage
0.7 x VDD
V
VIL
CMOS Logic Low Input Voltage
0.3 x VDD
V
∆VI
CMOS Hysteresis Voltage
0.3
V
VIH
Mobile Logic High Input Voltage
1
1.6
V
VIL
Mobile Logic Low Input Voltage
1
0.6
V
∆VI
Hysteresis Voltage
1
0.1
V
VOL(SDA)
SDA Output Low Voltage
ISINK = 3mA
0.4
V
VOL(IRQ)
IRQ Output Low Voltage
ISINK = 3mA
0.4
V
VOL(SYNC_
OUT)
Sync Clock Output Low Voltage
ISINK = 1mA
0.4
V
VOH(SYNC
_OUT)
Sync Clock Output High Voltage
ISOURCE = 1mA
VDD-0.4
V
Capacitive Load for Each Bus Line
400
pF
1. available on request, See Ordering Information on page 37
Table 5. I²C Timing Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCL
SCL Frequency
100
1000
kHz
tBUF
Bus Free Time Between STOP and START Conditions
1.3
s
tHOLDSTART
Hold Time for Repeated
START Condition
260
ns
tLOW
SCL Low Period
500
ns
tHIGH
SCL High Period
260
ns
tSETUPSTART
Setup Time for Repeated
START Condition
260
ns
tSETUPDATA Data Setup Time
100
ns
tHOLDDATA
Data Hold Time
70
ns
tRISE(SCL)
SCL Rise Time
120
ns
tRISE(SCL1)
SCL Rise Time after Repeated START Condition and After
an ACK Bit
120
ns
tFALL(SCL)
SCL Fall Time
120
ns
tRISE(SDA)
SDA Rise Time
120
ns
tFALL(SDA)
SDA Fall Time
120
ns
tSETUPSTOP STOP Condition Setup Time
260
ns
tSPIKESUP
Pulse Width of Spike Suppressed
6
ns


Similar Part No. - AS1130-BSST

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1130 AMSCO-AS1130 Datasheet
1Mb / 66P
   132-LED Cross-Plexing Driver with Scrolling Function
2016-Oct-12
AS1130 AMSCO-AS1130_V01 Datasheet
1Mb / 66P
   132-LED Cross-Plexing Driver with Scrolling Function
2016-Oct-12
More results

Similar Description - AS1130-BSST

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
AS1116 TAOS-AS1116 Datasheet
2Mb / 24P
   64 LED Dr iver wi th Detai led Er ror Detect ion
logo
ams AG
AS1116 AMSCO-AS1116_12 Datasheet
2Mb / 24P
   64 LED Dr iver wi th Detai led Er ror Detect ion
AS1720 AMSCO-AS1720 Datasheet
603Kb / 12P
   Solenoid / Valve Dr iver wi th Cur rent Limi tat ion
AS1123 AMSCO-AS1123 Datasheet
2Mb / 25P
   Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
AS1112 AMSCO-AS1112_12 Datasheet
1Mb / 20P
   16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
logo
TEXAS ADVANCED OPTOELEC...
AS1112 TAOS-AS1112 Datasheet
1Mb / 20P
   16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
logo
ams AG
AS1122 AMSCO-AS1122 Datasheet
4Mb / 23P
   12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
logo
Mean Well Enterprises C...
HRP-150N MEANWELL-HRP-150N Datasheet
161Kb / 5P
   150W Single Output wi th PFC Funct ion
logo
ams AG
AS1115 AMSCO-AS1115_12 Datasheet
3Mb / 26P
   64 LEDs, IC Inter faced LED Dr iver wi th Keyscan
AS1118 AMSCO-AS1118 Datasheet
1Mb / 21P
   64 LED Dr iver for Mobi le Appl ications wi th Er ror Detect ion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com