Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX091104S02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PX091104S02
Description  Buccaneer짰 Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PX091104S02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PX091104S02 Datasheet HTML 1Page - List of Unclassifed Manufacturers PX091104S02 Datasheet HTML 2Page - List of Unclassifed Manufacturers PX091104S02 Datasheet HTML 3Page - List of Unclassifed Manufacturers PX091104S02 Datasheet HTML 4Page - List of Unclassifed Manufacturers PX091104S02 Datasheet HTML 5Page - List of Unclassifed Manufacturers PX091104S02 Datasheet HTML 6Page - List of Unclassifed Manufacturers PX091104S02 Datasheet HTML 7Page - List of Unclassifed Manufacturers PX091104S02 Datasheet HTML 8Page - List of Unclassifed Manufacturers PX091104S02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.Bulgin.co.uk
Tel: +44 (0) 20 8594 5588
13
Buccaneer® Connectors
Type
Page
900 Series Buccaneer
PX0911 - PX0921
Cable Mounting
15
PXA911 - PXA921
Cable Mounting - Large dia. cable
15
PX0931 - PX0941
Panel Mounting
16
PX0950 - PX0980
Bulkhead & Accessories
17
Standard Buccaneer
PX0727 - PX0769
2 - 9 pole
20-21
PX0820 - PX0824
25 pole
20-21
PX0733 - PX0734
Accessories
22
PX0777
In-line Cable Joiner
24
Mini Buccaneer
PX0800 - PX0805
Body Styles
26
PX0810 - PX0811
Accessories
27
400 Series Buccaneer
PX0410 - PX0411
Cable Mounting
30
PX0412
Panel Mounting
30
SA3179-SA3350
Contacts
31
Specification
32
Other sealed products included:
Panel Mounting Fuseholders
In-Line Fuseholders
LEDs
Switches
Switch Seals
Sealed Screws
Buccaneer®
A full range of IP68 rated environmentally sealed circular connectors
designed to provide secure and safe connections in harsh or hostile
conditions. The range consists of the miniature 400 Series, Mini,
Standard and the heavy duty, high current 900 Series. With a wide
choice of alternatives from 2 to 25 poles, BNC connections and screw,
solder or crimp terminations, the Buccaneer series provide the answer to
many design problems.
Screw terminations ensure simple ‘field’ connection, whilst crimp
terminations fulfil the requirement for fast and effective volume
connections. Each range has flex cable connector, in-line flex cable
connectors and panel mounting connector options.
The Buccaneer® series find numerous applications either in external
environments or where protection against the ingress of moisture is
needed.


Similar Part No. - PX091104S02

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0911 BULGIN-PX0911 Datasheet
451Kb / 6P
   900 Series Buccaneer짰
PX0911/02/P BULGIN-PX0911/02/P Datasheet
451Kb / 6P
   900 Series Buccaneer짰
PX0911/02/S BULGIN-PX0911/02/S Datasheet
451Kb / 6P
   900 Series Buccaneer짰
PX0911/03/P BULGIN-PX0911/03/P Datasheet
451Kb / 6P
   900 Series Buccaneer짰
PX0911/03/S BULGIN-PX0911/03/S Datasheet
451Kb / 6P
   900 Series Buccaneer짰
More results

Similar Description - PX091104S02

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0415 BULGIN-PX0415 Datasheet
209Kb / 3P
   SMB Buccaneer짰
PX0417 BULGIN-PX0417 Datasheet
327Kb / 4P
   FireWire Buccaneer짰
PX0840 BULGIN-PX0840 Datasheet
552Kb / 6P
   USB Buccaneer짰
SA3159 BULGIN-SA3159 Datasheet
343Kb / 4P
   Mini Buccaneer짰
PX0836 BULGIN-PX0836 Datasheet
458Kb / 6P
   Ethernet Buccaneer짰
PX0482 BULGIN-PX0482 Datasheet
509Kb / 6P
   400 Series Buccaneer짰
PX0911 BULGIN-PX0911 Datasheet
451Kb / 6P
   900 Series Buccaneer짰
logo
Switchcraft, Inc.
AAA3FPBAUZ SWITCH-AAA3FPBAUZ Datasheet
195Kb / 2P
   CONNECTORS & RECEPTACLES AAA CONNECTORS
logo
Adels-Contact
112003B1 ADELS-112003B1 Datasheet
118Kb / 1P
   Screwless Connectors Block Connectors
06/01/2020
040015 ADELS-040015 Datasheet
119Kb / 2P
   Screwless Connectors Luminaire Connectors
06/01/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com