Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1312-BWLT-50 Datasheet(PDF) 10 Page - ams AG

Part # AS1312-BWLT-50
Description  Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1312-BWLT-50 Datasheet(HTML) 10 Page - ams AG

Back Button AS1312-BWLT-50 Datasheet HTML 6Page - ams AG AS1312-BWLT-50 Datasheet HTML 7Page - ams AG AS1312-BWLT-50 Datasheet HTML 8Page - ams AG AS1312-BWLT-50 Datasheet HTML 9Page - ams AG AS1312-BWLT-50 Datasheet HTML 10Page - ams AG AS1312-BWLT-50 Datasheet HTML 11Page - ams AG AS1312-BWLT-50 Datasheet HTML 12Page - ams AG AS1312-BWLT-50 Datasheet HTML 13Page - ams AG AS1312-BWLT-50 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ams.com/DC-DC_Step-Up
Revision 1.12
10 - 20
AS1312
Datasheet - D e t a i l e d D e s c r i p t i o n
8.1.4
Input Capacitor Selection
The input capacitor supports the triangular current during the on-time of the power switch, and maintains a broadly constant input voltage during
this time. The capacitance value is obtained from choosing a ripple voltage during the on-time of the power switch. Additionally, ripple voltage is
generated by the equivalent series resistance (ESR) of the capacitor. For worst case, use maximum peak current values from the datasheet.
(EQ 15)
Using TON = 1µs, and IPEAK = 400mA (typ), and VRIPPLE = 50mV, EQ 15 yields:
CIN = 8.0µF
Nearest preferred would be 10µF.
(EQ 16)
Typically, the ripple due to ESR is not dominant. ESR for the recommended capacitors (Murata GMR), ESR = 5m
Ω to 10mΩ. For the AS1312,
maximum peak current is 400mA. Ripple due to ESR is 2.0mV to 4.0mV.
Ripple at the input propagates through the common supply connections, and if too high in value can cause problems elsewhere in the system.
The input capacitance is an important component to get right.
8.1.5
Output Capacitor Selection
The output capacitor supports the triangular current during the off-time of the power switch (inductor discharge period), and also the load current
during the wait time (Region D in Figure 10) and on-time (Region A in Figure 10) of the power switch.
(EQ 17)
Note:
There is also a ripple component due to the equivalent series resistance (ESR) of the capacitor.
8.2 Summary
User Application Defines: VINmin, VINmax, VOUTmin, VOUTmax, ILOADmin, ILOADmax
Inductor Selection:
Select Max on-time = 0.5µs to 3µs for AS1312. Use (EQ 3) to calculate inductor value.
Use (EQ 5) to determine off-time.
Use (EQ 6) to check that power delivery matches load requirements assume 70% conversion efficiency.
Use (EQ 13) to find overall timing period value of T at min VIN and max VOUT for maximum load conditions.
Input Capacitor Selection: Choose a ripple value and use (EQ 14) to find the value.
Output Capacitor Selection: Determine TWAIT via (EQ 6) or (EQ 13), and use (EQ 16) to find the value.
C
IN
I
PEAK TO N
V
RIPPLE
-------------------------
=
ESR
PK
ESR
RIPPLE
PK
R
I
V
=
_
_
NOM
OUT
WAIT
ON
LOAD
OUT
V
T
T
I
C
_
)
99
.
0
1
(
)
(
+
=


Similar Part No. - AS1312-BWLT-50

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310 Datasheet
399Kb / 30P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
More results

Similar Description - AS1312-BWLT-50

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1341 AMSCO-AS1341_13 Datasheet
990Kb / 18P
   650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS7620 AMSCO-AS7620_13 Datasheet
637Kb / 16P
   650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS1330 AMSCO-AS1330_12 Datasheet
1Mb / 18P
   4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1324 AMSCO-AS1324_13 Datasheet
1Mb / 21P
   1.5MHz, 600mA Synchronous DC/DC Conver ter
AS1329 AMSCO-AS1329_13 Datasheet
862Kb / 20P
   Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1322 AMSCO-AS1322_13 Datasheet
827Kb / 18P
   Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1310 AMSCO-AS1310_V01 Datasheet
399Kb / 30P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310_12 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com