Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RWM0410N1R20KR15E1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RWM0410N1R20KR15E1
Description  Enamelled Wirewound Power Resistors Axial Leads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RWM0410N1R20KR15E1 Datasheet(HTML) 3 Page - Vishay Siliconix

  RWM0410N1R20KR15E1 Datasheet HTML 1Page - Vishay Siliconix RWM0410N1R20KR15E1 Datasheet HTML 2Page - Vishay Siliconix RWM0410N1R20KR15E1 Datasheet HTML 3Page - Vishay Siliconix RWM0410N1R20KR15E1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RWM
www.vishay.com
Vishay Sfernice
Revison: 31-Oct-13
3
Document Number: 50008
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER RATING
TYPICAL TEMPERATURE RISE
MARKING
Vishay Sfernice trademark, model and style, CECC style, if applicable (except for the smallest model due to lack of space:
(4 x 10 or RB 59), ohmic value, resistance tolerance, manufacturing date (year - month).
AMBIENT TEMPERATURE IN °C
0
25
100
200
300
350
0
25
50
75
100
116
400
500
300
200
100
0
RATED POWER IN W
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30
8 x
45
4
6
x
0
1
5
4
x
0
1
5
6
x
0
1
Optional
ORDERING INFORMATION
RWM
4 x 10
XXX
1U2
± 5 %
AM500
e1
MODEL
STYLE
NI OPTIONAL
Non Inductive
Winding
SPECIAL
DESIGN
Method N°
Optional
OHMIC VALUE
Custom items
are subject to
extra charge and
minimum order.
Please see price list.
TOLERANCE
PACKAGING
LEAD
(Pb)-FREE
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
SIZE
OPTION
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
LEAD
(Pb)-FREE
RWM
d x L:
0410
0422
0526
0826
0634
0845
1045
1064
1065
Blank
or
N
(Non
inductive
winding)
The first three digits are
significant figures and the
last digit specifies the
number of zeros to follow.
R designates decimal point.
48R7 = 48.7
1R20 = 1.2
1002 = 10 000
R330 = 0.33
...
F = 1 %
G = 2 %
J = 5 %
K = 10 %
Size 0410,
0422, 0526,
0826, 0622:
R15 = Reel
(1000 pieces)
Size 0845,
1045, 1064,
1065:
B25 = Box
(50 pieces)
Size 0634:
S09 = Bag
(50 pieces)
Other
packaging
existing
As
applicable
Ex: AD7
Sn(99),
Ag(0.3),
Cu(0.7):
E1
41
0
1
R
2
J
1
M
R
0
W
0R
5
1
E


Similar Part No. - RWM0410N1R20KR15E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWM0410N1R20FR15AD7E1 VISHAY-RWM0410N1R20FR15AD7E1 Datasheet
87Kb / 4P
   Enamelled Wirewound Power Resistors Axial Leads
Revison: 31-Oct-13
More results

Similar Description - RWM0410N1R20KR15E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWM062210R0JA15E1 VISHAY-RWM062210R0JA15E1 Datasheet
87Kb / 4P
   Enamelled Wirewound Power Resistors Axial Leads
Revison: 31-Oct-13
RWM VISHAY-RWM Datasheet
80Kb / 4P
   Enamelled Wirewound Power Resistors Axial Leads
Revison: 15-Apr-14
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
V757 WELWYN-V757 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W20 TTELEC-W20 Datasheet
597Kb / 3P
   Vitreous Enamelled Wirewound Resistors
06.18
logo
Welwyn Components Limit...
V700 WELWYN-V700 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W23-10KJI ETC1-W23-10KJI Datasheet
379Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20 Datasheet
80Kb / 2P
   Vitreous Enamelled Wirewound Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com