Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1329 Datasheet(PDF) 3 Page - ams AG

Part # AS1329
Description  Low Vol tage, Micropower, DC-DC Step-Up Conver ters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1329 Datasheet(HTML) 3 Page - ams AG

  AS1329_13 Datasheet HTML 1Page - ams AG AS1329_13 Datasheet HTML 2Page - ams AG AS1329_13 Datasheet HTML 3Page - ams AG AS1329_13 Datasheet HTML 4Page - ams AG AS1329_13 Datasheet HTML 5Page - ams AG AS1329_13 Datasheet HTML 6Page - ams AG AS1329_13 Datasheet HTML 7Page - ams AG AS1329_13 Datasheet HTML 8Page - ams AG AS1329_13 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ams.com/DC-DC_Step-Up/AS1329
Revision 1.12
3 - 20
AS1329
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Section 6 Electrical Characteristics on page 4 is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Table 3. Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
VIN to GND
-0.3
7
V
SHDNN, SW to GND
-0.3
7
V
FB to GND
-0.3
5
V
VOUT
-0.3
7
V
Operating Temperature Range
-40
+85
ºC
Storage Temperature Range
-65
+125
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/
JEDEC J-STD-020 “Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid State
Surface Mount Devices”.
The lead finish for Pb-free leaded packages is
matte tin (100% Sn).
Moisture Sensitive Level
1
Represents an unlimited floor life time


Similar Part No. - AS1329_13

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1329 AMSCO-AS1329_1 Datasheet
739Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
More results

Similar Description - AS1329_13

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1322 AMSCO-AS1322_13 Datasheet
827Kb / 18P
   Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1330 AMSCO-AS1330_12 Datasheet
1Mb / 18P
   4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1329 AMSCO-AS1329 Datasheet
88Kb / 2P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329_1 Datasheet
739Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1322 AMSCO-AS1322_1 Datasheet
740Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1322 AMSCO-AS1322 Datasheet
551Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309A TMT-T6309A Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com