Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1330 Datasheet(PDF) 5 Page - ams AG

Part # AS1330
Description  4MHz, Low Vol tage, DC-DC Step-Up Conver ter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1330 Datasheet(HTML) 5 Page - ams AG

  AS1330_12 Datasheet HTML 1Page - ams AG AS1330_12 Datasheet HTML 2Page - ams AG AS1330_12 Datasheet HTML 3Page - ams AG AS1330_12 Datasheet HTML 4Page - ams AG AS1330_12 Datasheet HTML 5Page - ams AG AS1330_12 Datasheet HTML 6Page - ams AG AS1330_12 Datasheet HTML 7Page - ams AG AS1330_12 Datasheet HTML 8Page - ams AG AS1330_12 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1330
Revision 1.06
4 - 17
AS1330
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VIN = +1.2V, VOUT = +3.0V, VEN = +1.3V, L = 1 H, C1 = C2 = 10 F, typical values @ TAMB = +25ºC (unless otherwise specified). All limits are guar-
anteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality Control) methods.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TAMB
Operating Temperature Range
-40
+85
°C
TJ
Operating Junction Temperature Range
-40
+125
°C
Input
Minimum Start-Up Voltage
IOUT = 1mA
0.85
0.9
V
VIN
Operating Voltage Range
1
1. Guaranteed by design and verified in lab characterisation.
IOUT = 1mA
0.6
3.0
V
Regulation
VOUT
Output Voltage Adjust Range
2
2. External Schottky diode is mandatory for output voltages higher than 3V.
1.8
3.0
V
Output Voltage Accuracy
VOUT > VIN + 0.6V
-3
+3
%
VFB
Feedback Voltage
for adjustable VOUT only
0.776
0.8
0.824
V
IFB
Feedback Input Current
VFB = 0.8V
10
nA
Operating Current
IQPWS
Quiescent Current
(Powersave Operation)
VOUT = 3.15V
30
50
A
IQSHDN
Quiescent Current (Shutdown)
VEN = 0V
0.05
5
A
IQ
Quiescent Current (Active)
in continuous mode
3
mA
Switches
ILKN
NMOS Switch Leakage
VSW = 3.6V
0.1
5
A
ILKP
PMOS Switch Leakage
3
3. VOUT is forced to 3.6V in production test.
VSW = VOUT = 3.6V
0.1
5
A
RONNMOS
NMOS Switch On Resistance
0.25
RONPMOS
PMOS Switch On Resistance
0.35
INMOS
NMOS Current Limit
650
mA
Maximum Duty Cycle
1
80
87
%
fSW
Switching Frequency
3.2
4
4.8
MHz
Shutdown
VENH
EN Input High
no load
1.2
V
VENL
EN Input Low
no load
0.25
V
IEN
EN Input Current
internal pull-down resistor
1
1.5
A
Power-OK
4
4. The POK parameters are tested with proprietary test modes. The POK signal is valid from VOUT = 1.9V to 3.0V.
POK Voltage Low
IPOK = 1mA
0.1
0.4
V
POK Leakage Current
VPOK = 3V, TAMB = 25ºC
1
100
nA
Power-OK Threshold
Monitor VIN, Falling Edge
0.72
0.76
V
Monitor VOUT, Falling Edge
90
92.5
95
%


Similar Part No. - AS1330_12

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1330-BTDT-18 AMSCO-AS1330-BTDT-18 Datasheet
1Mb / 16P
   4MHz, Low Voltage, DC-DC Step-Up Converter
AS1330-BTDT-30 AMSCO-AS1330-BTDT-30 Datasheet
1Mb / 16P
   4MHz, Low Voltage, DC-DC Step-Up Converter
AS1330-BTDT-AD AMSCO-AS1330-BTDT-AD Datasheet
1Mb / 16P
   4MHz, Low Voltage, DC-DC Step-Up Converter
More results

Similar Description - AS1330_12

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1329 AMSCO-AS1329_13 Datasheet
862Kb / 20P
   Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1322 AMSCO-AS1322_13 Datasheet
827Kb / 18P
   Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1324 AMSCO-AS1324_13 Datasheet
1Mb / 21P
   1.5MHz, 600mA Synchronous DC/DC Conver ter
AS1312 AMSCO-AS1312 Datasheet
577Kb / 20P
   Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
AS1341 AMSCO-AS1341_13 Datasheet
990Kb / 18P
   650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS7620 AMSCO-AS7620_13 Datasheet
637Kb / 16P
   650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS1330 AMSCO-AS1330 Datasheet
1Mb / 16P
   4MHz, Low Voltage, DC-DC Step-Up Converter
logo
SHOUDING Shouding Semic...
SD8911-AJ SHOUDING-SD8911-AJ Datasheet
1Mb / 12P
   Dual Channe l Synchro nous Buck D C/DC Conver ter
logo
Infineon Technologies A...
AN256 INFINEON-AN256 Datasheet
395Kb / 11P
   Ul t ra Low Vol tage Drop LED
Revision: 0.1 20 June 2011
logo
Analog Intergrations Co...
AIC1896 AIC-AIC1896 Datasheet
734Kb / 15P
   1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com