Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1331-BTDT-33 Datasheet(PDF) 1 Page - ams AG

Part # AS1331-BTDT-33
Description  300mA Buck-Boost Synchronous DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1331-BTDT-33 Datasheet(HTML) 1 Page - ams AG

  AS1331-BTDT-33 Datasheet HTML 1Page - ams AG AS1331-BTDT-33 Datasheet HTML 2Page - ams AG AS1331-BTDT-33 Datasheet HTML 3Page - ams AG AS1331-BTDT-33 Datasheet HTML 4Page - ams AG AS1331-BTDT-33 Datasheet HTML 5Page - ams AG AS1331-BTDT-33 Datasheet HTML 6Page - ams AG AS1331-BTDT-33 Datasheet HTML 7Page - ams AG AS1331-BTDT-33 Datasheet HTML 8Page - ams AG AS1331-BTDT-33 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
austriamicrosystems AG
is now
ams AG
The technical content of this austriamicrosystems datasheet is still valid.
Contact information:
Headquarters:
ams AG
Tobelbaderstrasse 30
8141 Unterpremstaetten, Austria
Tel: +43 (0) 3136 500 0
e-Mail: ams_sales@ams.com
Please visit our website at www.ams.com


Similar Part No. - AS1331-BTDT-33

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1331-BTDT-33 AMSCO-AS1331-BTDT-33 Datasheet
2Mb / 16P
   300mA Buck-Boost Synchronous DC/DC Converters
More results

Similar Description - AS1331-BTDT-33

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1331 AMSCO-AS1331 Datasheet
2Mb / 16P
   300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3531-3.3 LINER-LTC3531-3.3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531 LINER-LTC3531_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3 LINER-LTC3531-3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531 LINER-LTC3531 Datasheet
695Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
logo
Shenzhen Huazhimei Semi...
HM3440 HMSEMI-HM3440 Datasheet
451Kb / 10P
   Synchronous Buck-Boost DC/DC Regulator
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
   Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com