Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1332-BWLT Datasheet(PDF) 9 Page - ams AG

Part # AS1332-BWLT
Description  650mA, Step-Down DC-DC Converter for RF Power Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1332-BWLT Datasheet(HTML) 9 Page - ams AG

Back Button AS1332-BWLT Datasheet HTML 5Page - ams AG AS1332-BWLT Datasheet HTML 6Page - ams AG AS1332-BWLT Datasheet HTML 7Page - ams AG AS1332-BWLT Datasheet HTML 8Page - ams AG AS1332-BWLT Datasheet HTML 9Page - ams AG AS1332-BWLT Datasheet HTML 10Page - ams AG AS1332-BWLT Datasheet HTML 11Page - ams AG AS1332-BWLT Datasheet HTML 12Page - ams AG AS1332-BWLT Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1332
Revision 1.02
8 - 19
AS1332
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 13. Efficiency vs. IOUT; VOUT = 3.09V
70
75
80
85
90
95
100
0
100
200
300
400
500
600
700
800
Output Current (mA)
Vi n=2.7V
Vi n=3.25V
Vi n=3.6V
Vi n=4.2V
Vi n=5.5V
Figure 14. Load Transient Response; VIN = 3.6V,
VOUT = 1.3V
Figure 15. Startup; VIN = 3.6V, VOUT = 1.3V,
IOUT<1mA, RLOAD = 4.7k
Ω
10µs/Div
50µs/Div
Figure 16. Startup; VIN = 4.2V, VOUT = 3.16V,
IOUT<1mA, RLOAD = 4.7k
Ω
Figure 17. Shutdown Response; VIN = 4.2V, VOUT =
3.16V, COUT = 4.7µF, RLOAD = 10
Ω
50µs/Div
50µs/Div


Similar Part No. - AS1332-BWLT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1332-BWLT AMSCO-AS1332-BWLT Datasheet
1Mb / 19P
   650mA, Step-Down DC-DC Converter for RF Power Amplifiers
More results

Similar Description - AS1332-BWLT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1332 AMSCO-AS1332 Datasheet
1Mb / 19P
   650mA, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3208 TI-LM3208_15 Datasheet
3Mb / 25P
[Old version datasheet]   LM3208 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 TI-LM3205_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM3205 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com