Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXA93107P01 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PXA93107P01
Description  Buccaneer짰 Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PXA93107P01 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PXA93107P01 Datasheet HTML 1Page - List of Unclassifed Manufacturers PXA93107P01 Datasheet HTML 2Page - List of Unclassifed Manufacturers PXA93107P01 Datasheet HTML 3Page - List of Unclassifed Manufacturers PXA93107P01 Datasheet HTML 4Page - List of Unclassifed Manufacturers PXA93107P01 Datasheet HTML 5Page - List of Unclassifed Manufacturers PXA93107P01 Datasheet HTML 6Page - List of Unclassifed Manufacturers PXA93107P01 Datasheet HTML 7Page - List of Unclassifed Manufacturers PXA93107P01 Datasheet HTML 8Page - List of Unclassifed Manufacturers PXA93107P01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.Bulgin.co.uk
Tel: +44 (0) 20 8594 5588
17
900 Series Buccaneer®
PX0950
PX0950 & PX0941
PX0960, PX0970
Additional bulkhead
adaptor moulding
For use with flange
mounting connector
PX0941, to give 45˚ or 90˚
angle
Supplied with high grade
sealing gasket
Supplied with sealing
grommets for panel fixing
screws (M6 thread
recommended)
Sealing caps to maintain
IP68 rating of unmated
connectors
Accessories
PX0960
Sealing cap for use with PX0911/xx/x and
PXA911/xx/x
PX0970
Sealing cap for use with all other styles
PX0980
Pack of 3 additional cable glands for
PX0911 and PX0921 to suit cable sizes;
11-13mm, 9-11 and 7-9mm dia.
PXA980
Pack of 3 additional cable glands for
PXA911 and PXA921 to suit cable sizes;
18-20mm, 16-18 and 14-16mm dia.
Buccaneer® Connectors
PXx9 x x / xx / x / xx
Part No System
Series Designation
09 = Standard Cable Accommodation
A9 = Large Cable Accommodation
Body Styles
1 = Flex, 2 = Flex In-line,
3 = Panel, 4 = Flange Panel
Contact Termination
1 = Screw Terminal
Number Contacts
02 = 2 pole, 03 = 3 pole,
04 = 4 pole, 05 = 5 pole
07 = 7 pole
Contact Type
P = Plug, S = Socket
Cable Acceptance
PX0 version:
Blank = 13-15mm
Yellow cable gland (standard)
03 = 11-13mm
Black cable gland
02 = 9-11mm
White cable gland
01 = 7-9mm
Dark Grey cable gland
PXA version:
Blank = 20-22mm
Yellow cable gland (standard)
09 = 18-20mm
Black cable gland
08 = 16-18mm
White cable gland
07 = 14-16mm
Dark Grey cable gland


Similar Part No. - PXA93107P01

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PXA980 BULGIN-PXA980 Datasheet
451Kb / 6P
   900 Series Buccaneer짰
More results

Similar Description - PXA93107P01

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0415 BULGIN-PX0415 Datasheet
209Kb / 3P
   SMB Buccaneer짰
PX0417 BULGIN-PX0417 Datasheet
327Kb / 4P
   FireWire Buccaneer짰
PX0840 BULGIN-PX0840 Datasheet
552Kb / 6P
   USB Buccaneer짰
SA3159 BULGIN-SA3159 Datasheet
343Kb / 4P
   Mini Buccaneer짰
PX0836 BULGIN-PX0836 Datasheet
458Kb / 6P
   Ethernet Buccaneer짰
PX0482 BULGIN-PX0482 Datasheet
509Kb / 6P
   400 Series Buccaneer짰
PX0911 BULGIN-PX0911 Datasheet
451Kb / 6P
   900 Series Buccaneer짰
logo
Switchcraft, Inc.
AAA3FPBAUZ SWITCH-AAA3FPBAUZ Datasheet
195Kb / 2P
   CONNECTORS & RECEPTACLES AAA CONNECTORS
logo
Adels-Contact
112003B1 ADELS-112003B1 Datasheet
118Kb / 1P
   Screwless Connectors Block Connectors
06/01/2020
040015 ADELS-040015 Datasheet
119Kb / 2P
   Screwless Connectors Luminaire Connectors
06/01/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com