Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1334-BTDT-18 Datasheet(PDF) 7 Page - ams AG

Part # AS1334-BTDT-18
Description  650mA, Ultra low Ripple Step Down DC/DC Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1334-BTDT-18 Datasheet(HTML) 7 Page - ams AG

Back Button AS1334-BTDT-18 Datasheet HTML 3Page - ams AG AS1334-BTDT-18 Datasheet HTML 4Page - ams AG AS1334-BTDT-18 Datasheet HTML 5Page - ams AG AS1334-BTDT-18 Datasheet HTML 6Page - ams AG AS1334-BTDT-18 Datasheet HTML 7Page - ams AG AS1334-BTDT-18 Datasheet HTML 8Page - ams AG AS1334-BTDT-18 Datasheet HTML 9Page - ams AG AS1334-BTDT-18 Datasheet HTML 10Page - ams AG AS1334-BTDT-18 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1334
Revision 1.09
6 - 18
AS1334
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
Circuit in Figure 23 on page 11, PVIN = VDD = EN = 3.6V, L = 3.3µH (LPS4018-332ML_), CIN = COUT = 10µF (GRM21BR61C106KA01)
unless otherwise noted.
Figure 3. Quiescent Current vs. VIN
Figure 4. Shutdown Current vs. Temperature
0.35
0.4
0.45
0.5
0.55
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
- 45°C
+25°C
+85°C
0
0.05
0.1
0.15
0.2
0.25
0.3
-40
-15
10
35
60
85
Temperature (°C)
Vi n=3.25V
Vi n=3.6V
Vi n=4.2V
Vi n=5.5V
Figure 5. Switching Frequency Variation vs. Temperature
Figure 6. Output Voltage vs. Supply Voltage
-4
-3
-2
-1
0
1
2
3
4
-40
-15
10
35
60
85
Temperature (°C)
Vi n=3.6V
Vi n=4.2V
Vi n=5.5V
2.94
2.96
2.98
3
3.02
3.04
3.06
3.25
3.75
4.25
4.75
5.25
Supply Voltage (V)
Iout=50mA
Iout=300mA
Iout=650mA


Similar Part No. - AS1334-BTDT-18

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1334-BTDT-18 AMSCO-AS1334-BTDT-18 Datasheet
1Mb / 17P
   650mA, Ultra low Ripple Step Down DC/DC Converter
More results

Similar Description - AS1334-BTDT-18

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1334 AMSCO-AS1334 Datasheet
1Mb / 17P
   650mA, Ultra low Ripple Step Down DC/DC Converter
AS7620 AMSCO-AS7620_13 Datasheet
637Kb / 16P
   650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
logo
Texas Instruments
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter
logo
ams AG
AS1341 AMSCO-AS1341_13 Datasheet
990Kb / 18P
   650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
   650mA, Step Down DC/DC Converter for Portable Applications
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM3206 NSC-LM3206 Datasheet
1Mb / 16P
   650mA Miniature, Step-Down DC-DC Converter for Portable Applications
logo
ams AG
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
   650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1332 AMSCO-AS1332 Datasheet
1Mb / 19P
   650mA, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com