Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1335 Datasheet(PDF) 2 Page - ams AG

Part # AS1335
Description  1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1335 Datasheet(HTML) 2 Page - ams AG

  AS1335 Datasheet HTML 1Page - ams AG AS1335 Datasheet HTML 2Page - ams AG AS1335 Datasheet HTML 3Page - ams AG AS1335 Datasheet HTML 4Page - ams AG AS1335 Datasheet HTML 5Page - ams AG AS1335 Datasheet HTML 6Page - ams AG AS1335 Datasheet HTML 7Page - ams AG AS1335 Datasheet HTML 8Page - ams AG AS1335 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AS1335
1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
www.austriamicrosystems.com/DC-DC_Step-Down/AS1335
Revision 1.03
1 - 18
Data sheet
1 General Description
The AS1335 is a high-efficiency, constant-frequency
synchronous buck converter available in a fixed or an
adjustable output voltage version. The wide input volt-
age range (2.6V to 5.25V), the high output current (up to
1.5A) and minimal external component requirements
make the AS1335 perfect for any single Li-Ion battery-
powered application.
Typical supply current with no load is 400µA and
decreases to
≤1µA in shutdown mode. The highly effi-
cient duty cycle (100%) provides low dropout operation,
prolonging battery life in portable systems.
The device also offers a power-ok signal with a 215ms
delay, which can be reseted or delayed further via the
RSI pin.
An internal synchronous switch increases efficiency and
eliminates the need for an external Schottky diode. The
internally fixed switching frequency (1.5MHz) allows for
the use of small surface mount external components.
The AS1335 is available in a 10-pin TDFN 3x3mm pack-
age.
Figure 1. AS1335 - Typical Application Diagram
2 Key Features
!
High Efficiency: Up to 96%
!
Output Current: 1.5A
!
Input Voltage Range: 2.6V to 5.25V
!
Output Voltage Range: 0.6V to VIN
!
Constant Frequency Operation: 1.5MHz
!
No Schottky Diode Required
!
Power OK with 215ms delay
!
Low Dropout Operation: 100% Duty Cycle
!
Low Quiescent Supply Current: 400µA
!
Shutdown Mode Supply Current:
≤1µA
!
Current Mode Operation for Excellent Line/Load
Transient Response
!
Thermal Protection
!
10-pin TDFN 3x3mm Package
3 Applications
The device is ideal for mobile communication devices,
laptops and PDAs, ultra-low-power systems, threshold
detectors/discriminators, telemetry and remote systems,
medical instruments, or any other space-limited applica-
tion with low power-consumption requirements.
AS1335
COUT
22µF
CIN
22µF
VIN
2.6V to 5.25V
VOUT
1.0V, 1.5A
2.2µH
NC
GND
VIN
SW
POK
FB
EN
GND
PGND
RSI


Similar Part No. - AS1335

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1335 AMSCO-AS1335 Datasheet
1Mb / 18P
   1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
AS1335-BTDT-100 AMSCO-AS1335-BTDT-100 Datasheet
1Mb / 18P
   1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
AS1335-BTDT-AD AMSCO-AS1335-BTDT-AD Datasheet
1Mb / 18P
   1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
More results

Similar Description - AS1335

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1335 AMSCO-AS1335 Datasheet
1Mb / 18P
   1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
logo
BCD Semiconductor Manuf...
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
   1.5MHz Synchronous Step-down DC-DC Converter
AP3410 BCDSEMI-AP3410 Datasheet
778Kb / 11P
   1.5MHz Synchronous Step-down DC-DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
E-CMOS Corporation
EC3207 E-CMOS-EC3207 Datasheet
376Kb / 4P
   1.5MHz,1.4A, Synchronous Step Down DC/DC Converter
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510 Datasheet
221Kb / 10P
   1.0A, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Princeton Technology Co...
RS8407 PTC-RS8407 Datasheet
332Kb / 4P
   1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
RS8408 PTC-RS8408 Datasheet
239Kb / 3P
   1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com