Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURF1660 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MURF1660
Description  ULTRAFAST RECTIFIER 16 AMPERES 600 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MURF1660 Datasheet(HTML) 4 Page - Motorola, Inc

  MURF1660 Datasheet HTML 1Page - Motorola, Inc MURF1660 Datasheet HTML 2Page - Motorola, Inc MURF1660 Datasheet HTML 3Page - Motorola, Inc MURF1660 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MURF1660CT
4
Rectifier Device Data
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.621
0.629
15.78
15.97
INCHES
B
0.394
0.402
10.01
10.21
C
0.181
0.189
4.60
4.80
D
0.026
0.034
0.67
0.86
F
0.121
0.129
3.08
3.27
G
0.100 BSC
2.54 BSC
H
0.123
0.129
3.13
3.27
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.14
1.52
N
0.200 BSC
5.08 BSC
Q
0.126
0.134
3.21
3.40
R
0.107
0.111
2.72
2.81
S
0.096
0.104
2.44
2.64
U
0.259
0.267
6.58
6.78
–B–
–Y–
G
N
D
L
K
H
A
F
Q
3 PL
12 3
M
B
M
0.25 (0.010)
Y
SEATING
PLANE
–T–
U
C
S
J
R
STYLE 3:
PIN 1. ANODE
2. CATHODE
3. ANODE
CASE 221D–02
(ISOLATED TO–220)
ISSUE D
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4–32–1,
P.O. Box 5405, Denver, Colorado 80217. 303–675–2140 or 1–800–441–2447
Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan. 81–3–5487–8488
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
INTERNET: http://motorola.com/sps
MURF1660CT/D


Similar Part No. - MURF1660

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
MURF1660 DIOTECH-MURF1660 Datasheet
650Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Thinki Semiconductor Co...
MURF1660 THINKISEMI-MURF1660 Datasheet
260Kb / 2P
   16.0 Amp.Isolated Glass Passivated Junction Ultrafast Recovery Rectifiers
logo
ASEMI TECHNOLOGY., LTD
MURF1660AC ASEMI-MURF1660AC Datasheet
293Kb / 2P
   16A super fast recovery diode
2018.11 Rev.3.1
logo
Thinki Semiconductor Co...
MURF1660CA THINKISEMI-MURF1660CA Datasheet
426Kb / 2P
   16.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
Rev.07T
MURF1660CD THINKISEMI-MURF1660CD Datasheet
264Kb / 2P
   16.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
More results

Similar Description - MURF1660

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURB1660CT MOTOROLA-MURB1660CT Datasheet
106Kb / 6P
   ULTRAFAST RECTIFIER 16 AMPERES 600 VOLTS
logo
Kersemi Electronic Co.,...
MURF1660CT KERSEMI-MURF1660CT Datasheet
467Kb / 4P
   ULTRAFAST RECTIFIER 16 AMPERES, 600 VOLTS
logo
ON Semiconductor
MURF1660CT ONSEMI-MURF1660CT_06 Datasheet
112Kb / 4P
   ULTRAFAST RECTIFIER 16 AMPERES, 600 VOLTS
April, 2006 ??Rev. 4
MURB1660CT ONSEMI-MURB1660CT_06 Datasheet
57Kb / 4P
   ULTRAFAST RECTIFIER 16 AMPERES, 600 VOLTS
July, 2006 ??Rev. 7
MURH860CT ONSEMI-MURH860CT_06 Datasheet
54Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
February, 2006 ??Rev. 3
logo
Motorola, Inc
MURH860CT MOTOROLA-MURH860CT Datasheet
82Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS
MURHF860CT MOTOROLA-MURHF860CT Datasheet
50Kb / 2P
   ULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS
logo
ON Semiconductor
MURHS160T3 ONSEMI-MURHS160T3 Datasheet
125Kb / 5P
   ULTRAFAST RECTIFIER 1.0 AMPERES 600 VOLTS
August, 2005 ??Rev. 1
MURHF860CT ONSEMI-MURHF860CT_06 Datasheet
88Kb / 3P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
April, 2006 ??Rev. 4
logo
Motorola, Inc
MUR1620CTR MOTOROLA-MUR1620CTR Datasheet
89Kb / 4P
   ULTRAFAST RECTIFIER 16 AMPERES 200 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com