Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1358-BTTT-15 Datasheet(PDF) 3 Page - ams AG

Part # AS1358-BTTT-15
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1358-BTTT-15 Datasheet(HTML) 3 Page - ams AG

  AS1358-BTTT-15 Datasheet HTML 1Page - ams AG AS1358-BTTT-15 Datasheet HTML 2Page - ams AG AS1358-BTTT-15 Datasheet HTML 3Page - ams AG AS1358-BTTT-15 Datasheet HTML 4Page - ams AG AS1358-BTTT-15 Datasheet HTML 5Page - ams AG AS1358-BTTT-15 Datasheet HTML 6Page - ams AG AS1358-BTTT-15 Datasheet HTML 7Page - ams AG AS1358-BTTT-15 Datasheet HTML 8Page - ams AG AS1358-BTTT-15 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.austriamicrosystems.com
Revision 1.5
2 - 16
AS1358 / AS1359
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 2. Pin Descriptions
Pin Number
Pin Name
Description
1IN
Unregulated Input Supply.
2GND
Ground. Provides the electrical connection to system ground and also serves as a heat sink.
Connect pin GND to the system ground using a large pad or ground plane.
3
SHDNN
Shutdown. Pull this pin low to disable the LDO.
4
BYPASS
Noise Bypass for Low-Noise Operation. Connect a 10nF capacitor from this pin to OUT.
Note: This pin is shorted to GND in shutdown mode.
5OUT
Regulated Output Voltage. Bypass this pin with a capacitor to GND.
3
SHDNN
2
GND
1
IN
4 BYPASS
5OUT
TSOT23 5-pin
AS1358 /
AS1359


Similar Part No. - AS1358-BTTT-15

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1358-BTTT-15 AMSCO-AS1358-BTTT-15 Datasheet
715Kb / 14P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
More results

Similar Description - AS1358-BTTT-15

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1358 AMSCO-AS1358_1 Datasheet
715Kb / 14P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358 Datasheet
82Kb / 2P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1361 AMSCO-AS1361 Datasheet
646Kb / 13P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1361 AMSCO-AS1361_1 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com