Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1369-BWLT-12 Datasheet(PDF) 8 Page - ams AG

Part # AS1369-BWLT-12
Description  200mA Ultra-Compact Low Dropout Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1369-BWLT-12 Datasheet(HTML) 8 Page - ams AG

Back Button AS1369-BWLT-12 Datasheet HTML 4Page - ams AG AS1369-BWLT-12 Datasheet HTML 5Page - ams AG AS1369-BWLT-12 Datasheet HTML 6Page - ams AG AS1369-BWLT-12 Datasheet HTML 7Page - ams AG AS1369-BWLT-12 Datasheet HTML 8Page - ams AG AS1369-BWLT-12 Datasheet HTML 9Page - ams AG AS1369-BWLT-12 Datasheet HTML 10Page - ams AG AS1369-BWLT-12 Datasheet HTML 11Page - ams AG AS1369-BWLT-12 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.austriamicrosystems.com/LDOs/AS1369
Revision 1.7
7 - 21
AS1369
Datasheet - Ty pical Operating Characteristics
Figure 11. VOUT vs. IOUT; VOUT(NOM)=1.5V
Figure 12. VOUT vs. IOUT; VOUT(NOM)=2.8V
1.47
1.48
1.49
1.5
1.51
1.52
1.53
0
50
100
150
200
Output Current (mA)
TAM B = -40°C
TAM B = 25°C
TAM B = 85°C
2.74
2.76
2.78
2.8
2.82
2.84
2.86
0
50
100
150
200
Output Current (mA)
TAM B = -40°C
TAM B = 25°C
TAM B = 85°C
Figure 13.
VOUT vs. IOUT; VOUT(NOM)=1.5V
Figure 14.
VOUT vs. IOUT; VOUT(NOM)=2.8V
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
0
50
100
150
200
Output Current (mA)
TAM B = -40°C
TAM B = 25°C
TAM B = 85°C
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
50
100
150
200
Output Current (mA)
TAM B = -40°C
TAM B = 25°C
TAM B = 85°C
Figure 15.
VOUT vs. Temperature; VOUT(NOM)=1.5V
Figure 16.
VOUT vs. Temperature; VOUT(NOM)=2.8V
-30
-25
-20
-15
-10
-5
0
5
10
-45 -30 -15
0
15
30
45
60
75
90
Ambient Temperature (°C)
1mA
50mA
100mA
150mA
200mA
-50
-40
-30
-20
-10
0
10
-45 -30 -15
0
15
30
45
60
75
90
Ambient Temperature (°C)
1mA
50mA
100mA
150mA
200mA


Similar Part No. - AS1369-BWLT-12

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1369-BWLT-15 AMSCO-AS1369-BWLT-15 Datasheet
755Kb / 16P
   200mA Ultra-Compact Low Dropout Regulator
AS1369-BWLT-18 AMSCO-AS1369-BWLT-18 Datasheet
755Kb / 16P
   200mA Ultra-Compact Low Dropout Regulator
More results

Similar Description - AS1369-BWLT-12

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1369 AMSCO-AS1369 Datasheet
755Kb / 16P
   200mA Ultra-Compact Low Dropout Regulator
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
   200mA Low-Dropout Voltage Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
logo
Unisonic Technologies
M2950 UTC-M2950_15 Datasheet
316Kb / 8P
   200mA LOW-DROPOUT VOLTAGE REGULATOR
M2950 UTC-M2950_11 Datasheet
265Kb / 8P
   200mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com