Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1375-BTDT-25 Datasheet(PDF) 7 Page - ams AG

Part # AS1375-BTDT-25
Description  1A Quiescent Current, 200mA LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1375-BTDT-25 Datasheet(HTML) 7 Page - ams AG

Back Button AS1375-BTDT-25 Datasheet HTML 3Page - ams AG AS1375-BTDT-25 Datasheet HTML 4Page - ams AG AS1375-BTDT-25 Datasheet HTML 5Page - ams AG AS1375-BTDT-25 Datasheet HTML 6Page - ams AG AS1375-BTDT-25 Datasheet HTML 7Page - ams AG AS1375-BTDT-25 Datasheet HTML 8Page - ams AG AS1375-BTDT-25 Datasheet HTML 9Page - ams AG AS1375-BTDT-25 Datasheet HTML 10Page - ams AG AS1375-BTDT-25 Datasheet HTML 11Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.austriamicrosystems.com/LDOs/AS1375
Revision 1.02
6 - 10
AS1375
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1375 is an low-power and low-quiescent current linear-regulator specifically designed for space-limited applica-
tions. These device can supply loads up to 200mA. As shown in Figure 8, the AS1375 consist of an integrated voltage
reference, error amplifier, P-channel MOSFET pass transistor.
Additional blocks include a current limiter, thermal sensor, and enable logic.
Internal Voltage Reference
The bandgap reference is connected to the error amplifier’s inverting input. The error amplifier compares this reference
with the feedback voltage and amplifies the difference. If the feedback voltage is lower than the reference voltage, the
pass-transistor gate is pulled low. This allows more current to pass to the output and increases the output voltage. If
the feedback voltage is too high, the pass transistor gate is pulled high, allowing less current to pass to the output.
Figure 8. AS1375 - Block Diagram
Current Limit
The AS1375 include a current limiting circuitry to monitor and control the P-channel MOSFET pass transistor’s gate
voltage, thus limiting the device output current to 300mA.
Note: See Table 3 on page 4 for the min and max current limits. The output can be shorted to ground indefinitely
without causing damage to the device.
Thermal Protection
Integrated thermal protection circuitry limits total power dissipation in the AS1375. When the junction temperature (TJ)
exceeds +160ºC, the thermal sensor signals the shutdown logic, turning off the P-channel MOSFET pass transistor
and allowing the device to cool down. The thermal sensor turns the pass transistor on again after the device’s junction
temperature drops by 20ºC, resulting in a pulsed output during continuous thermal-overload conditions.
Note: Thermal protection is designed to protect the devices in the event of fault conditions. For continuous operation,
do not exceed the absolute maximum junction temperature rating of +150ºC.
EN
GND
OUT
AS1375
-
+
Overcurrent
Protection
Voltage
and
Current Reference
Enable Con-
trol Logic
Thermal
Protection
IN


Similar Part No. - AS1375-BTDT-25

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1370 AMSCO-AS1370 Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
AS1370-ATDT-27 AMSCO-AS1370-ATDT-27 Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
AS1370-ATDT-28 AMSCO-AS1370-ATDT-28 Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
AS1370-ATDT-33 AMSCO-AS1370-ATDT-33 Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
AS1370-ATDTSAMPLE AMSCO-AS1370-ATDTSAMPLE Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
More results

Similar Description - AS1375-BTDT-25

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4104 NJRC-NJW4104 Datasheet
786Kb / 21P
   45V Io=200mA Ultra low Quiescent current LDO
Ver.1.0
logo
Fairchild Semiconductor
FAN1539 FAIRCHILD-FAN1539_05 Datasheet
577Kb / 15P
   1A/1.3A, LDO with Low Quiescent Current
FAN1539 FAIRCHILD-FAN1539 Datasheet
259Kb / 15P
   1A/1.3A, LDO With Low Quiescent Current
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
logo
ams AG
AS1376 AMSCO-AS1376 Datasheet
1Mb / 20P
   1A, Low Input Voltage, Low Quiescent Current LDO
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com