Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1390A Datasheet(PDF) 11 Page - ams AG

Part # AS1390A
Description  High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1390A Datasheet(HTML) 11 Page - ams AG

Back Button AS1390A Datasheet HTML 7Page - ams AG AS1390A Datasheet HTML 8Page - ams AG AS1390A Datasheet HTML 9Page - ams AG AS1390A Datasheet HTML 10Page - ams AG AS1390A Datasheet HTML 11Page - ams AG AS1390A Datasheet HTML 12Page - ams AG AS1390A Datasheet HTML 13Page - ams AG AS1390A Datasheet HTML 14Page - ams AG AS1390A Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.austriamicrosystems.com/Power-Management/AS1390
Revision 1.04
10 - 20
AS1390A, AS1390B
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1390 is a high efficiency, high voltage and high current DC-DC Step-up controller combined with an Step-down converter. The device is
designed for LED backlight in LCD TV-sets. The special feature is the optimized operation point for the 2D and 3D mode. Hence the output
voltage of the Step-up Converter can easily be switched via the MODE_3D pin from one voltage to the other.
Figure 18. Detailed Block Diagram Boost Converter
8.1 Boost Controller
8.1.1
Setting output voltages
The Output voltages of the AS1390 are defined by a voltage divider between the FB pin and Vout. Due to the capability of the AS1390 to switch
between two output voltages, two dividers are necessary to adjust both output voltages.
Output voltage for 2D-Mode:
Output voltage for 3D-Mode:
Where:
VFB = 1.25V
Note:
The overall resistance should be in the range of 100k to 200k
Ω to avoid any noise issues.
(EQ 1)
V
OUT
2D
V
FB
1
R
FB1
R
F B2
R
FB3
+
-------------------------------
+
×
=
(EQ 2)
V
OUT
3D
V
FB
1
R
FB 1
R
FB2
+
R
FB3
-------------------------------
+
×
=


Similar Part No. - AS1390A

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS139-73 ALPHA-AS139-73 Datasheet
23Kb / 2P
   GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
logo
ams AG
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
   Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985 Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985 Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
AS13985F12-T AMSCO-AS13985F12-T Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
More results

Similar Description - AS1390A

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3833 AMSCO-AS3833 Datasheet
1Mb / 21P
   6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
AS3834 AMSCO-AS3834 Datasheet
1Mb / 21P
   4 channel high-precision LED cont rol ler for 3D-LCD backl ight wi th
AS3668 AMSCO-AS3668 Datasheet
3Mb / 60P
   4 Channel Breathl ight Cont rol ler
logo
Infineon Technologies A...
ICL8201 INFINEON-ICL8201_15 Datasheet
1Mb / 40P
   AC/DC Buck Cont rol ler wi th PFC for LED Lamps
Revision V2.0 2015-05-25
ICE3AR4780VJZ INFINEON-ICE3AR4780VJZ Datasheet
1Mb / 43P
   Of f -Line SMPS Cur rent Mode Cont rol ler with integrated 800V
V2.1 2013-10-22
ICE3AR0680JZ INFINEON-ICE3AR0680JZ Datasheet
2Mb / 34P
   Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
Version 2.1a, 11 Jan 2012
logo
SHOUDING Shouding Semic...
SD8911-AJ SHOUDING-SD8911-AJ Datasheet
1Mb / 12P
   Dual Channe l Synchro nous Buck D C/DC Conver ter
logo
Infineon Technologies A...
ICE3AR1080VJZ INFINEON-ICE3AR1080VJZ Datasheet
1Mb / 43P
   Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
V2.0 2014-01-20
ICE3AR2280VJZ INFINEON-ICE3AR2280VJZ Datasheet
1Mb / 43P
   Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
V2.1 2013-10-22
logo
ams AG
AS1324 AMSCO-AS1324_13 Datasheet
1Mb / 21P
   1.5MHz, 600mA Synchronous DC/DC Conver ter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com