Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1376-BTDT-12 Datasheet(PDF) 7 Page - ams AG

Part # AS1376-BTDT-12
Description  1A, Low Input Voltage, Low Quiescent Current LDO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1376-BTDT-12 Datasheet(HTML) 7 Page - ams AG

Back Button AS1376-BTDT-12 Datasheet HTML 3Page - ams AG AS1376-BTDT-12 Datasheet HTML 4Page - ams AG AS1376-BTDT-12 Datasheet HTML 5Page - ams AG AS1376-BTDT-12 Datasheet HTML 6Page - ams AG AS1376-BTDT-12 Datasheet HTML 7Page - ams AG AS1376-BTDT-12 Datasheet HTML 8Page - ams AG AS1376-BTDT-12 Datasheet HTML 9Page - ams AG AS1376-BTDT-12 Datasheet HTML 10Page - ams AG AS1376-BTDT-12 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.austriamicrosystems.com/LODs/AS1376
Revision 1.4
6 - 19
AS1376
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
VIN = 1.2V, VBIAS = 2.5V, VOUT = 1.0V, EN = VBIAS, CIN = COUT = 1µF, CBIAS = 4µF. Typical values are at TAMB = +25ºC (unless otherwise
specified).
Figure 3. Bias Supply Current vs. Bias Supply Voltage
Figure 4. Bias Supply Current vs. Bias Supply Voltage
50
55
60
65
70
2.5
33.544.5
55.5
Bias Supply Voltage (V)
no load
Iout = 700mA
Iout = 1A
40
45
50
55
60
65
70
75
80
2.5
3
3.5
4
4.5
5
5.5
Bias Supply Voltage (V)
- 40°C
+25°C
+90°C
Figure 5. Ground Current vs. Bias Supply Voltage
Figure 6. Ground Current vs. Bias Supply Voltage
50
55
60
65
70
75
80
85
90
2.5
3
3.5
4
4.5
5
5.5
Bias Supply Voltage (V)
- 40°C
+25°C
+90°C
no load
50
55
60
65
70
75
80
85
90
95
2.533.544.555.5
Bias Supply Voltage (V)
- 40°C
+25°C
+90°C
Iout=1A
Figure 7. Ground Current vs. Bias Supply Voltage
Figure 8. Ground Current vs. Load Current
60
65
70
75
80
2.5
3
3.5
4
4.5
5
5.5
Bias Supply Voltage (V)
no l oad
Iout =1A
50
55
60
65
70
75
80
85
0
100
200
300
400
500 600
700
800
900 1000
Load Current (mA)
-40°C
+25°C
+90°C


Similar Part No. - AS1376-BTDT-12

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1370 AMSCO-AS1370 Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
AS1370-ATDT-27 AMSCO-AS1370-ATDT-27 Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
AS1370-ATDT-28 AMSCO-AS1370-ATDT-28 Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
AS1370-ATDT-33 AMSCO-AS1370-ATDT-33 Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
AS1370-ATDTSAMPLE AMSCO-AS1370-ATDTSAMPLE Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
More results

Similar Description - AS1376-BTDT-12

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
logo
ams AG
AS1371 AMSCO-AS1371 Datasheet
890Kb / 14P
   400mA, Low Input Voltage, Low Quiescent Current LDO
logo
Will Semiconductor Ltd.
WL2851K WILLSEMI-WL2851K Datasheet
513Kb / 9P
   High Input Voltage, Low Quiescent Current LDO
WL2862E WILLSEMI-WL2862E Datasheet
1Mb / 12P
   High Input Voltage, Low Quiescent Current LDO
WL2852K WILLSEMI-WL2852K Datasheet
919Kb / 12P
   High Input Voltage, Low Quiescent Current LDO
WL2862K WILLSEMI-WL2862K Datasheet
1Mb / 12P
   High Input Voltage, Low Quiescent Current LDO
WL2851E WILLSEMI-WL2851E Datasheet
631Kb / 9P
   High Input Voltage, Low Quiescent Current LDO
WL2853K WILLSEMI-WL2853K Datasheet
1Mb / 12P
   High Input Voltage, Low Quiescent Current LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com