Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1713 Datasheet(PDF) 2 Page - ams AG

Part # AS1713
Description  Difference Amplifier, 10MHz, 10V/關s, Rail-to-Rail I/O with Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1713 Datasheet(HTML) 2 Page - ams AG

  AS1713 Datasheet HTML 1Page - ams AG AS1713 Datasheet HTML 2Page - ams AG AS1713 Datasheet HTML 3Page - ams AG AS1713 Datasheet HTML 4Page - ams AG AS1713 Datasheet HTML 5Page - ams AG AS1713 Datasheet HTML 6Page - ams AG AS1713 Datasheet HTML 7Page - ams AG AS1713 Datasheet HTML 8Page - ams AG AS1713 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AS1713
Difference Amplifier, 10MHz, 10V/µs, Rail-to-Rail I/O
with Shutdown
www.austriamicrosystems.com/Audio/OpAmps/AS1713
Revision 1.03
1 - 16
Data sheet
1 General Description
The AS1713 is a low cost cmos difference amplifier providing
extended common mode voltage range for a single rail 5V supply.
Resistor trimming during final test ensures a typical common mode
rejection of 60dB. Low input bias currents, 10MHz gain bandwidth,
low total harmonic distortion (THD) and a rail-to-rail output drive
capability of typically 200mA (@ 5V supply) provide support for a
number of signal processing applications such as audio line receiv-
ers, ground loop breakers and current sensing. Linearity is suitable
for 12bit ADC measurement.
A classical single amplifier approach ensures that the differential
gain is determined by a simple ratio of two internal resistors. A fixed
gain of x1 is available.
Single ended input resistance is equalised (10k
Ω ±20%) at each
input terminal. This feature provides additional common mode rejec-
tion when long balanced input cables connect at the input.
A EN pin reduces the quiescent current of the device.
2 Key Features
Constant Output Drive Capability: 50mA
Rail-to-Rail Input and Output
Supply Current: 1.6mA
Single-Supply Operation: 2.7 to 5.5V
Voltage Gain: 1
Gain-Bandwidth Product: 10MHz
High Slew Rate: 10V/µs
Power-Supply Rejection Ratio: 70dB
Common Mode Rejection Ratio: 60dB
No Phase Reversal for Overdriven Inputs
Unity-Gain Stable for Capacitive Loads: Up to 100pF
Shutdown Mode Current: 1nA
MLPD (2x2mm) 8-pin package
3 Applications
The device is ideal for headphone amplifiers with ground interfer-
ence rejection, infotainment high drive audio line buffers with ground
interference rejection, audio differential-to-single-ended conversion
and instrumentation amplifier back-end.
Figure 1. AS1713 - Block Diagram
SENSE
OUT
REF
INN
EN
INP
VDD
VSS
+
AS1713
R1
R2
R3
R4


Similar Part No. - AS1713

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1713 AMSCO-AS1713 Datasheet
1Mb / 15P
   Difference Amplifier, 10MHz, 10V/關s, Rail-to-Rail I/O
AS1713-BTDT AMSCO-AS1713-BTDT Datasheet
1Mb / 15P
   Difference Amplifier, 10MHz, 10V/關s, Rail-to-Rail I/O
More results

Similar Description - AS1713

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1713 AMSCO-AS1713 Datasheet
1Mb / 15P
   Difference Amplifier, 10MHz, 10V/關s, Rail-to-Rail I/O
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710 Datasheet
750Kb / 17P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_09 Datasheet
902Kb / 27P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 11; 9/09
MAX4230 MAXIM-MAX4230_V01 Datasheet
1Mb / 15P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
2021
logo
ams AG
AS1710 AMSCO-AS1710_1 Datasheet
747Kb / 17P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
MAX4232AKA MAXIM-MAX4232AKA Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4230 MAXIM-MAX4230_08 Datasheet
715Kb / 26P
   High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
MAX4230 MAXIM-MAX4230_12 Datasheet
911Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 15; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com