Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP201-I Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP201-I
Description  LIN Transceiver with Voltage Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP201-I Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP201-I Datasheet HTML 6Page - Microchip Technology MCP201-I Datasheet HTML 7Page - Microchip Technology MCP201-I Datasheet HTML 8Page - Microchip Technology MCP201-I Datasheet HTML 9Page - Microchip Technology MCP201-I Datasheet HTML 10Page - Microchip Technology MCP201-I Datasheet HTML 11Page - Microchip Technology MCP201-I Datasheet HTML 12Page - Microchip Technology MCP201-I Datasheet HTML 13Page - Microchip Technology MCP201-I Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
MCP201
DS21730F-page 10
© 2007 Microchip Technology Inc.
FIGURE 1-5:
VOLTAGE REGULATOR OUTPUT ON POWER DIP
Note 1:
Voltage regulator on.
2:
VREG
≤ 5.5V, regulator tracks VBAT until VREG < 3.5V.
3:
VREG < 3.5V, regulator is off. If the voltage regulator should shut
off due to VREG falling below 3.5V, the VBAT must rise to 6.0V to
turn VREG back on.
4:
VREG > 4.0V, voltage regulator tracks VDD, when VREG > 4.0V.
5
3.5
3
0
VREG
V
---------------
(1)
(2) (3)
t
0
t
6
2
8
4
3.5
VBAT
V
--------------
12
(4)
4


Similar Part No. - MCP201-I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-IP MICROCHIP-MCP201-IP Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-ISN MICROCHIP-MCP201-ISN Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
More results

Similar Description - MCP201-I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
   LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
   LIN transceiver with voltage regulator
logo
Microchip Technology
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021A MICROCHIP-MCP2021A Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2050 MICROCHIP-MCP2050 Datasheet
1Mb / 40P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2021 MICROCHIP-MCP2021_12 Datasheet
1Mb / 52P
   LIN Transceiver with Voltage Regulator
2005-2012
logo
Melexis Microelectronic...
TH8062 MELEXIS-TH8062 Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com