Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FODM124 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FODM124
Description  4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM124 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FODM124 Datasheet HTML 3Page - Fairchild Semiconductor FODM124 Datasheet HTML 4Page - Fairchild Semiconductor FODM124 Datasheet HTML 5Page - Fairchild Semiconductor FODM124 Datasheet HTML 6Page - Fairchild Semiconductor FODM124 Datasheet HTML 7Page - Fairchild Semiconductor FODM124 Datasheet HTML 8Page - Fairchild Semiconductor FODM124 Datasheet HTML 9Page - Fairchild Semiconductor FODM124 Datasheet HTML 10Page - Fairchild Semiconductor FODM124 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FODMXXX Rev. 1.1.4
10
Reflow Profile
Profile Freature
Pb-Free Assembly Profile
Temperature Min. (Tsmin)
150°C
Temperature Max. (Tsmax)
200°C
Time (tS) from (Tsmin to Tsmax)
60–120 seconds
Ramp-up Rate (tL to tP)
3°C/second max.
Liquidous Temperature (TL)
217°C
Time (tL) Maintained Above (TL)
60–150 seconds
Peak Body Package Temperature
260°C +0°C / –5°C
Time (tP) within 5°C of 260°C
30 seconds
Ramp-down Rate (TP to TL)
6°C/second max.
Time 25°C to Peak Temperature
8 minutes max.
Time (seconds)
Time 25°C to Peak
260
240
220
200
180
160
140
120
100
80
60
40
20
0
TL
ts
tL
tP
TP
Tsmax
Tsmin
120
Preheat Area
Max. Ramp-up Rate = 3°C/S
Max. Ramp-down Rate = 6°C/S
240
360


Similar Part No. - FODM124

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM124 FAIRCHILD-FODM124 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124 FAIRCHILD-FODM124 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124 FAIRCHILD-FODM124 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124 FAIRCHILD-FODM124 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124 FAIRCHILD-FODM124 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
More results

Similar Description - FODM124

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
HMA121 FAIRCHILD-HMA121 Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com