Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP131X Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP131X
Description  Voltage Supervisor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP131X Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP131X Datasheet HTML 6Page - Microchip Technology MCP131X Datasheet HTML 7Page - Microchip Technology MCP131X Datasheet HTML 8Page - Microchip Technology MCP131X Datasheet HTML 9Page - Microchip Technology MCP131X Datasheet HTML 10Page - Microchip Technology MCP131X Datasheet HTML 11Page - Microchip Technology MCP131X Datasheet HTML 12Page - Microchip Technology MCP131X Datasheet HTML 13Page - Microchip Technology MCP131X Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
MCP131X/2X
DS21985B-page 10
© 2007 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ
(only MCP1316), TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+85
°C
MCP13XX-25 (or below)
Specified Temperature Range
TA
-40
+125
°C
Except MCP13XX-25 (or below)
Maximum Junction Temperature
TJ
——
+150
°C
Storage Temperature Range
TA
-65
+150
°C
Package Thermal Resistances
Thermal Resistance, 5L-SOT23
θ
JA
255.9
°C/W


Similar Part No. - MCP131X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP131X MICROCHIP-MCP131X Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP131X MICROCHIP-MCP131X_12 Datasheet
737Kb / 52P
   Voltage Supervisor
2005-2012 11/29/11
More results

Similar Description - MCP131X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1320T-46KE MICROCHIP-MCP1320T-46KE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP131X MICROCHIP-MCP131X_12 Datasheet
737Kb / 52P
   Voltage Supervisor
2005-2012 11/29/11
logo
STMicroelectronics
STM1066 STMICROELECTRONICS-STM1066 Datasheet
218Kb / 20P
   Smart voltage supervisor
logo
Aeroflex Circuit Techno...
UT01VS50L AEROFLEX-UT01VS50L Datasheet
173Kb / 15P
   UT01VS50L Voltage Supervisor
logo
Micrel Semiconductor
MIC2772 MICREL-MIC2772_05 Datasheet
233Kb / 9P
   Dual Voltage Supervisor
logo
STMicroelectronics
STM1068 STMICROELECTRONICS-STM1068 Datasheet
213Kb / 22P
   Smart voltage supervisor
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com