Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1612-ADJIMS Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1612-ADJIMS
Description  Single 1A, 1.4 MHz Synchronous Buck Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1612-ADJIMS Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1612-ADJIMS Datasheet HTML 2Page - Microchip Technology MCP1612-ADJIMS Datasheet HTML 3Page - Microchip Technology MCP1612-ADJIMS Datasheet HTML 4Page - Microchip Technology MCP1612-ADJIMS Datasheet HTML 5Page - Microchip Technology MCP1612-ADJIMS Datasheet HTML 6Page - Microchip Technology MCP1612-ADJIMS Datasheet HTML 7Page - Microchip Technology MCP1612-ADJIMS Datasheet HTML 8Page - Microchip Technology MCP1612-ADJIMS Datasheet HTML 9Page - Microchip Technology MCP1612-ADJIMS Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MCP1612
DS21921B-page 6
© 2005 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = VCC = VSHDN = 3.3V, COUT = CIN = 10 µF, L = 3.3 µH, ILOAD = 100 mA,
TA =+25°C. Boldface specifications apply over the TA range of -40°C to +85°C.
FIGURE 2-1:
Efficiency vs. Load Current,
VIN = 3.3V.
FIGURE 2-2:
Efficiency vs. Load Current,
VIN = 5.0V.
FIGURE 2-3:
Output Voltage vs.
Load Current.
FIGURE 2-4:
Dropout Voltage vs.
Load Current.
FIGURE 2-5:
Input Quiescent Current vs.
Input Voltage.
FIGURE 2-6:
Oscillator Frequency vs.
Input Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Load Current (mA)
VIN = 3.3V
VOUT = 1.2V
VOUT = 2.5V
VOUT = 1.8V
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Load Current (mA)
VIN = 5.0V
VOUT = 3.3V
VOUT = 2.5V
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0
200
400
600
800
1000
Load Current (mA)
VOUT = 3.3V, VIN = 5.0V
VOUT = 1.8V, VIN = 3.3V
VOUT = 1.2V VIN = 3.3V
0.00
0.10
0.20
0.30
0.40
0.50
0
200
400
600
800
1000
Load Current (mA)
VOUT = 2.7V
VOUT = 3.3V
3.5
4.0
4.5
5.0
5.5
6.0
6.5
2.5
3
3.54
4.555.5
Input Voltage (V)
VOUT = 1.8V
TA = -40
oC
TA = +25
oC
TA = +85
oC
1.36
1.37
1.38
1.39
1.40
1.41
1.42
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
T
A = -40
oC
TA = +25
oC
TA = +85
oC


Similar Part No. - MCP1612-ADJIMS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1612-I/MF MICROCHIP-MCP1612-I/MF Datasheet
315Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
MCP1612-I/MS MICROCHIP-MCP1612-I/MS Datasheet
315Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
More results

Similar Description - MCP1612-ADJIMS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1612 MICROCHIP-MCP1612 Datasheet
315Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
MCP1612 MICROCHIP-MCP1612_13 Datasheet
333Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2004-2013
logo
Fairchild Semiconductor
FAN53600 FAIRCHILD-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
logo
Sipex Corporation
SP6652 SIPEX-SP6652_07 Datasheet
1Mb / 16P
   1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
logo
Anpec Electronics Corop...
APW7178 ANPEC-APW7178 Datasheet
274Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7505 ANPEC-APW7505 Datasheet
286Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7506C ANPEC-APW7506C Datasheet
309Kb / 20P
   1.5MHz, 1A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com