Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1318 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1318
Description  Voltage Supervisor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1318 Datasheet(HTML) 5 Page - Microchip Technology

  MCP1318 Datasheet HTML 1Page - Microchip Technology MCP1318 Datasheet HTML 2Page - Microchip Technology MCP1318 Datasheet HTML 3Page - Microchip Technology MCP1318 Datasheet HTML 4Page - Microchip Technology MCP1318 Datasheet HTML 5Page - Microchip Technology MCP1318 Datasheet HTML 6Page - Microchip Technology MCP1318 Datasheet HTML 7Page - Microchip Technology MCP1318 Datasheet HTML 8Page - Microchip Technology MCP1318 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
© 2007 Microchip Technology Inc.
DS21985B-page 5
MCP131X/2X
Threshold Hysteresis
MCP13XX-20
VHYS
0.020
0.120
V
TA = +25°C (Note 3)
(Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +85°C
MCP13XX-21
0.021
0.126
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +85°C
MCP13XX-22
0.022
0.132
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +85°C
MCP13XX-23
0.023
0.138
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +85°C
MCP13XX-24
0.024
0.144
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +85°C
MCP13XX-25
0.025
0.150
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +125°C
MCP13XX-26
0.026
0.156
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +125°C
MCP13XX-27
0.027
0.162
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +125°C
MCP13XX-28
0.028
0.168
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +125°C
MCP13XX-29
0.029
0.174
V
TA = +25°C (Note 3)
(Note 6)
VTA = -40°C to +125°C
MCP13XX-30
0.030
0.180
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +125°C
MCP13XX-31
0.031
0.186
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +125°C
MCP13XX-32
0.032
0.192
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +125°C
MCP13XX-33
0.033
0.198
V
TA = +25°C (Note 3)
(Note 6)
(Note 6)
V
TA = -40°C to +125°C
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ
(only MCP1320, MCP1321, and MCP1322), TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Trip point is ±1.5% from typical value.
2:
Trip point is ±2.5% from typical value.
3:
Hysterysis is minimum = 1%, maximum = 6% at +25°C.
4:
This specification allows this device to be used in PIC® microcontroller applications that require the In-Cir-
cuit Serial Programming™ (ICSP™) feature (see device-specific programming specifications for voltage
requirements). The total time that the RST pin can be above the maximum device operational voltage
(5.5V) is 100s. Current into the RST pin should be limited to 2 mA. It is recommended that the device oper-
ational temperature be maintained between 0°C to +70°C (+25°C preferred). For additional information,
refer to Figure 2-35.
5:
This parameter is established by characterization and is not 100% tested.
6:
Custom ordered voltage trip point; minimum order volume requirement. Information available upon request.


Similar Part No. - MCP1318

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1318 MICROCHIP-MCP1318 Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1318 MICROCHIP-MCP1318 Datasheet
737Kb / 52P
   Voltage Supervisor
2005-2012 11/29/11
MCP1318 MICROCHIP-MCP1318 Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP1318M MICROCHIP-MCP1318M Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1318M MICROCHIP-MCP1318M Datasheet
737Kb / 52P
   Voltage Supervisor
2005-2012 11/29/11
More results

Similar Description - MCP1318

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1320T-46KE MICROCHIP-MCP1320T-46KE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP131X MICROCHIP-MCP131X_12 Datasheet
737Kb / 52P
   Voltage Supervisor
2005-2012 11/29/11
logo
STMicroelectronics
STM1066 STMICROELECTRONICS-STM1066 Datasheet
218Kb / 20P
   Smart voltage supervisor
logo
Aeroflex Circuit Techno...
UT01VS50L AEROFLEX-UT01VS50L Datasheet
173Kb / 15P
   UT01VS50L Voltage Supervisor
logo
Micrel Semiconductor
MIC2772 MICREL-MIC2772_05 Datasheet
233Kb / 9P
   Dual Voltage Supervisor
logo
STMicroelectronics
STM1068 STMICROELECTRONICS-STM1068 Datasheet
213Kb / 22P
   Smart voltage supervisor
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com