Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7905CT Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # LM7905CT
Description  3-Terminal 1 A Negative Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7905CT Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button LM7905CT Datasheet HTML 4Page - Fairchild Semiconductor LM7905CT Datasheet HTML 5Page - Fairchild Semiconductor LM7905CT Datasheet HTML 6Page - Fairchild Semiconductor LM7905CT Datasheet HTML 7Page - Fairchild Semiconductor LM7905CT Datasheet HTML 8Page - Fairchild Semiconductor LM7905CT Datasheet HTML 9Page - Fairchild Semiconductor LM7905CT Datasheet HTML 10Page - Fairchild Semiconductor LM7905CT Datasheet HTML 11Page - Fairchild Semiconductor LM7905CT Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA79XX / KA79XXA / LM79XX Rev. 1.1.0
8
Electrical Characteristics (KA7912 / LM7912)
(VI = -19 V, IO = 500 mA, 0°C ≤ TJ ≤ +125°C, CI = 2.2 μF, CO = 1 μF; unless otherwise specified.)
Note:
8. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = +25°C
-11.5
-12.0
-12.5
V
IO = 5 mA to 1 A, PO ≤ 15 W
VI = -15.5 V to -27 V
-11.4
-12.0
-12.6
ΔVO
Line Regulation(8)
TJ = +25°C
VI = -14.5 V to -30 V
12
240
mV
VI = -16 V to -22 V
6
120
ΔVO
Load Regulation(8)
TJ = +25°C, IO = 5 mA to 1.5 A
12
240
mV
TJ =+25°C, IO = 250 mA to 750 mA
4
120
IQ
Quiescent Current
TJ =+25°C3
6
mA
ΔIQ
Quiescent Current
Change
IO = 5 mA to 1 A
0.05
0.50
mA
VI = -14.5 V to -30 V
0.10
1.00
ΔVo/ΔT
Temperature Coefficient
of VD
IO = 5 mA
-0.8
mV/
°C
VN
Output Noise Voltage
f = 10 Hz to 100 kHz, TA =+25°C200
μV
RR
Ripple Rejection
f = 120 Hz,
ΔVI = 10 V
54
60
dB
VD
Dropout Voltage
TJ = +25°C, IO = 1 A
2
V
ISC
Short-Circuit Current
TJ = +25°C, VI = -35 V
300
mA
IPK
Peak Current
TJ = +25°C2.2
A


Similar Part No. - LM7905CT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7905CT NSC-LM7905CT Datasheet
167Kb / 10P
   LM79XX Series 3-Terminal Negative Regulators
LM7905CT NSC-LM7905CT Datasheet
167Kb / 10P
   LM79XX Series 3-Terminal Negative Regulators
logo
Fairchild Semiconductor
LM7905CT FAIRCHILD-LM7905CT Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
LM7905CT FAIRCHILD-LM7905CT Datasheet
284Kb / 15P
   3-Terminal 1A Negative Voltage Regulator
LM7905CT FAIRCHILD-LM7905CT Datasheet
284Kb / 15P
   3-Terminal 1A Negative Voltage Regulator
More results

Similar Description - LM7905CT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
LM79XX THINKISEMI-LM79XX Datasheet
407Kb / 3P
   3-Terminal 1 A Negative Voltage Regulator
logo
Fairchild Semiconductor
KA7905ATU FAIRCHILD-KA7905ATU Datasheet
280Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com