Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7818CT Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # LM7818CT
Description  3-Terminal 1 A Positive Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7818CT Datasheet(HTML) 5 Page - Fairchild Semiconductor

  LM7818CT Datasheet HTML 1Page - Fairchild Semiconductor LM7818CT Datasheet HTML 2Page - Fairchild Semiconductor LM7818CT Datasheet HTML 3Page - Fairchild Semiconductor LM7818CT Datasheet HTML 4Page - Fairchild Semiconductor LM7818CT Datasheet HTML 5Page - Fairchild Semiconductor LM7818CT Datasheet HTML 6Page - Fairchild Semiconductor LM7818CT Datasheet HTML 7Page - Fairchild Semiconductor LM7818CT Datasheet HTML 8Page - Fairchild Semiconductor LM7818CT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM78XX / LM78XXA Rev. 1.3.0
5
Electrical Characteristics (LM7808)
Refer to the test circuit, -40°C < TJ < 125°C, IO = 500 mA, VI = 14 V, CI = 0.33 μF, CO = 0.1 μF, unless otherwise
specified.
Notes:
6. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
7. These parameters, although guaranteed, are not 100% tested in production.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = +25°C
7.7
8.0
8.3
V
IO = 5 mA to 1 A, PO ≤ 15 W,
VI = 10.5 V to 23 V
7.6
8.0
8.4
Regline
Line Regulation(6)
TJ = +25°C
VI = 10.5 V to 25 V
5.0
160.0
mV
VI = 11.5 V to 17 V
2.0
80.0
Regload
Load Regulation(6)
TJ = +25°C
IO = 5 mA to 1.5 A
10.0
160.0
mV
IO = 250 mA to 750 mA
5.0
80.0
IQ
Quiescent Current
TJ =+25°C5.0
8.0
mA
ΔIQ
Quiescent Current
Change
IO = 5 mA to 1 A
0.05
0.50
mA
VI = 10.5 V to 25 V
0.5
1.0
ΔVO/ΔT
Output Voltage Drift(7)
IO = 5 mA
-0.8
mV/
°C
VN
Output Noise Voltage
f = 10 Hz to 100 kHz, TA = +25°C
52.0
μV/VO
RR
Ripple Rejection(7)
f = 120 Hz, VI = 11.5 V to 21.5 V
56.0
73.0
dB
VDROP
Dropout Voltage
IO = 1 A, TJ = +25°C2.0
V
RO
Output Resistance(7)
f = 1 kHz
17.0
m
Ω
ISC
Short-Circuit Current
VI = 35 V, TJ = +25°C230
mA
IPK
Peak Current(7)
TJ = +25°C2.2
A


Similar Part No. - LM7818CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7818CT FAIRCHILD-LM7818CT Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
National Semiconductor ...
LM7818CT NSC-LM7818CT Datasheet
303Kb / 10P
   3-Terminal Positive Voltage Regulators
logo
Fairchild Semiconductor
LM7818CT FAIRCHILD-LM7818CT Datasheet
556Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7818CT FAIRCHILD-LM7818CT Datasheet
1Mb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7818CT FAIRCHILD-LM7818CT Datasheet
850Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - LM7818CT

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST7808 SEMTECH_ELEC-ST7808 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
ON Semiconductor
KA78XXE ONSEMI-KA78XXE Datasheet
534Kb / 29P
   3-Terminal 1 A Positive Voltage Regulator
April 2015 Rev. 1.9
logo
SEMTECH ELECTRONICS LTD...
7806 SEMTECH_ELEC-7806 Datasheet
221Kb / 3P
   3-terminal 1 A positive voltage regulator
7812 SEMTECH_ELEC-7812 Datasheet
221Kb / 3P
   3-terminal 1 A positive voltage regulator
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com