Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG684965DZ Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # SG684965DZ
Description  Low-Power, Green-Mode PWM Flyback Power Controller without Secondary Feedback
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG684965DZ Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button SG684965DZ Datasheet HTML 5Page - Fairchild Semiconductor SG684965DZ Datasheet HTML 6Page - Fairchild Semiconductor SG684965DZ Datasheet HTML 7Page - Fairchild Semiconductor SG684965DZ Datasheet HTML 8Page - Fairchild Semiconductor SG684965DZ Datasheet HTML 9Page - Fairchild Semiconductor SG684965DZ Datasheet HTML 10Page - Fairchild Semiconductor SG684965DZ Datasheet HTML 11Page - Fairchild Semiconductor SG684965DZ Datasheet HTML 12Page - Fairchild Semiconductor SG684965DZ Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6849 Rev. 1.6.1
9
Typical Performance Characteristics (Continued)
4.0
4.2
4.4
4.6
4.8
5.0
-40
-30
-15
0
25
50
75
100
125
Temperature (°C)
0.70
0.72
0.74
0.76
0.78
0.80
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (°C)
Figure 13. FB Open-Loop Voltage (VFB)
vs. Temperature
Figure 14. Valley Threshold Voltage (VSTHVA)
vs. Temperature
0.00
0.10
0.20
0.30
0.40
-40 -25 -10
5
20
35
50
65
80
95
110 125
Temperature (°C)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
8
8.5
9
9.5
10
VDD (V)
fOSC-G-BK
fOSC-G-OFF
Figure 15. Output Voltage Low (VGATE-L)
vs. Temperature
Figure 16. Green-Mode Burst Back and Green-Mode
Off Frequency vs. VDD
0.50
0.60
0.70
0.80
0.90
1.00
9
101112
13141516
171819
20
VDD (V)
0.90
0.95
1.00
1.05
1.10
10
15
20
25
30
35
40
Duty Cycle (%)
Figure 17. Valley Threshold Voltage (VSTHVA) vs. VDD
Figure 18. VLIMIT Ramp vs. Duty Cycle
0
20
40
60
80
100
120
26.0
26.5
27.0
27.5
28.0
28.5
29.0
29.5
30.0
VDD Zener Clamp Voltage (V)
Figure 19. VDD Zener Current vs. Zener Clamp Voltage


Similar Part No. - SG684965DZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6849 ETC2-SG6849 Datasheet
330Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SG6849-100D ETC2-SG6849-100D Datasheet
330Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SG6849-100T ETC2-SG6849-100T Datasheet
330Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SG6849-65D ETC2-SG6849-65D Datasheet
330Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SG6849-65T ETC2-SG6849-65T Datasheet
330Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
More results

Similar Description - SG684965DZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6849 ETC2-SG6849 Datasheet
330Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
logo
Fairchild Semiconductor
FAN400A FAIRCHILD-FAN400A Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SGP400 FAIRCHILD-SGP400 Datasheet
492Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400C FAIRCHILD-FAN400C Datasheet
544Kb / 14P
   Low-Power, Green-Mode, PWM Flyback Power Controller without Secondary Feedback (CC)
FAN400A FAIRCHILD-FAN400A_2 Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
AN-400A FAIRCHILD-AN-400A Datasheet
305Kb / 8P
   Low-Power Green-Mode PWM Flyback Power Controller
FSEZ2016 FAIRCHILD-FSEZ2016 Datasheet
501Kb / 14P
   Low-Power Green-Mode EZSWITCHTM without Secondary Side Feedback Circuitry
FSEZ2016 FAIRCHILD-FSEZ2016_10 Datasheet
477Kb / 14P
   Low-Power Green-Mode EZSWITCH without Secondary Side Feedback Circuitry
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com