Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2S180F1508I4 Datasheet(PDF) 5 Page - Altera Corporation

Part # EP2S180F1508I4
Description  Section I. Stratix II Device Family Data Sheet
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S180F1508I4 Datasheet(HTML) 5 Page - Altera Corporation

  EP2S180F1508I4 Datasheet HTML 1Page - Altera Corporation EP2S180F1508I4 Datasheet HTML 2Page - Altera Corporation EP2S180F1508I4 Datasheet HTML 3Page - Altera Corporation EP2S180F1508I4 Datasheet HTML 4Page - Altera Corporation EP2S180F1508I4 Datasheet HTML 5Page - Altera Corporation EP2S180F1508I4 Datasheet HTML 6Page - Altera Corporation EP2S180F1508I4 Datasheet HTML 7Page - Altera Corporation EP2S180F1508I4 Datasheet HTML 8Page - Altera Corporation EP2S180F1508I4 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 238 page
background image
Altera Corporation
1–3
May 2007
Stratix II Device Handbook, Volume 1
Introduction
Stratix II devices are available in space-saving FineLine BGA® packages
(see Tables 1–2 and 1–3).
All Stratix II devices support vertical migration within the same package
(for example, you can migrate between the EP2S15, EP2S30, and EP2S60
devices in the 672-pin FineLine BGA package). Vertical migration means
that you can migrate to devices whose dedicated pins, configuration pins,
and power pins are the same for a given package across device densities.
To ensure that a board layout supports migratable densities within one
package offering, enable the applicable vertical migration path within the
Quartus II software (Assignments menu > Device > Migration Devices).
Table 1–2. Stratix II Package Options & I/O Pin Counts
Notes (1), (2)
Device
484-Pin
FineLine BGA
484-Pin
Hybrid
FineLine
BGA
672-Pin
FineLine
BGA
780-Pin
FineLine
BGA
1,020-Pin
FineLine BGA
1,508-Pin
FineLine BGA
EP2S15
342
366
EP2S30
342
500
EP2S60 (3)
334
492
718
EP2S90 (3)
308
534
758
902
EP2S130 (3)
534
742
1,126
EP2S180 (3)
742
1,170
Notes to Table 1–2:
(1)
All I/O pin counts include eight dedicated clock input pins (clk1p, clk1n, clk3p, clk3n, clk9p, clk9n,
clk11p
, and clk11n) that can be used for data inputs.
(2)
The Quartus II software I/O pin counts include one additional pin, PLL_ENA, which is not available as general-
purpose I/O pins. The PLL_ENA pin can only be used to enable the PLLs within the device.
(3)
The I/O pin counts for the EP2S60, EP2S90, EP2S130, and EP2S180 devices in the 1020-pin and 1508-pin packages
include eight dedicated fast PLL clock inputs (FPLL7CLKp/n, FPLL8CLKp/n, FPLL9CLKp/n, and
FPLL10CLKp/n
) that can be used for data inputs.
Table 1–3. Stratix II FineLine BGA Package Sizes
Dimension
484 Pin
484-Pin
Hybrid
672 Pin
780 Pin
1,020 Pin
1,508 Pin
Pitch (mm)
1.00
1.00
1.00
1.00
1.00
1.00
Area (mm2)
529
729
729
841
1,089
1,600
Length × width
(mm × mm)
23 × 23
27 × 27
27 × 27
29 × 29
33 × 33
40 × 40


Similar Part No. - EP2S180F1508I4

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S180F1508I4ES ALTERA-EP2S180F1508I4ES Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results

Similar Description - EP2S180F1508I4

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
   Stratix II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com