Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6850BS26RG Datasheet(PDF) 5 Page - SYNC POWER Crop.

Part # SP6850BS26RG
Description  Green-Mode PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP6850BS26RG Datasheet(HTML) 5 Page - SYNC POWER Crop.

  SP6850BS26RG Datasheet HTML 1Page - SYNC POWER Crop. SP6850BS26RG Datasheet HTML 2Page - SYNC POWER Crop. SP6850BS26RG Datasheet HTML 3Page - SYNC POWER Crop. SP6850BS26RG Datasheet HTML 4Page - SYNC POWER Crop. SP6850BS26RG Datasheet HTML 5Page - SYNC POWER Crop. SP6850BS26RG Datasheet HTML 6Page - SYNC POWER Crop. SP6850BS26RG Datasheet HTML 7Page - SYNC POWER Crop. SP6850BS26RG Datasheet HTML 8Page - SYNC POWER Crop. SP6850BS26RG Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2007/04/10
Ver.3
Page 5
SP6850
Green-Mode PWM Controller
ELECTRICAL CHARACTERISTICS
(TA=25 , V
CC=15V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage ( Vcc Pin )
Istt
Startup
Current
8
20
uA
Iop
Operating Current
VCOMP = 3V
2
4
mA
UVLO (off) Min. Operating Voltage
9.0
10.0
11.0
V
UVLO (on ) Start Threshold Voltage
15.0
16.0
17.0
V
OVP Level Over Voltage Protection
28
36
V
Voltage Feedback ( Comp Pin )
Isc
Short Circuit Current
2.2
3.0
mA
Vop
Open Loop Voltage
5.0
V
VTH(GM)
Green Mode Threshold VCOMP
2.35
V
Oscillator ( RT Pin )
FOSC
Frequency
RT=100KΩ
60.0
65.0
75.0
KHz
FOSC(GM) Green Mode Frequency
Fs=65.0KHz
20
KHz
Fdt
Frequency Variation versus Temp. Deviation (-40°C ~105°C)
3
%
Fdv
Frequency Variation versus VCC Deviation
(VCC=11V-25V)
1
%
Current Sensing ( CS Pin )
SP6850BD8TG
SP6850BS26RG
0.8
0.85
0.9
Vcs(off)
Maximum Input Voltage
SP6850AD8TG
SP6850AS26RG
0.7
0.75
0.8
V
Zcs
Input impedance
50
TPD
Delay to Output
150
nS
Gate Driver Output ( OUT Pin )
DC (Max)
Maximum Duty Cycle
70
75
80
%
DC (Min)
Minimum Duty Cycle
0
%
VOL
Output Low Level
VCC=15V,
Io=20mA
1
V
VOH
Output High Level
VCC=15V,
Io=20mA
8
V
Tr
Rising Time
Load Cap=1000pF
50
200
nS
Tf
Falling Time
Load Cap=1000pF
30
120
nS


Similar Part No. - SP6850BS26RG

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP6850BS26RG SYNC-POWER-SP6850BS26RG Datasheet
258Kb / 10P
   Green-Mode PWM Controller
More results

Similar Description - SP6850BS26RG

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com