Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC1016S56RGB Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SPC1016S56RGB
Description  N & P Pair Enhancement Mode MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPC1016S56RGB Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SPC1016S56RGB Datasheet HTML 1Page - SYNC POWER Crop. SPC1016S56RGB Datasheet HTML 2Page - SYNC POWER Crop. SPC1016S56RGB Datasheet HTML 3Page - SYNC POWER Crop. SPC1016S56RGB Datasheet HTML 4Page - SYNC POWER Crop. SPC1016S56RGB Datasheet HTML 5Page - SYNC POWER Crop. SPC1016S56RGB Datasheet HTML 6Page - SYNC POWER Crop. SPC1016S56RGB Datasheet HTML 7Page - SYNC POWER Crop. SPC1016S56RGB Datasheet HTML 8Page - SYNC POWER Crop. SPC1016S56RGB Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2009/06/20
Ver.2
Page 3
SPC1016
N & P Pair Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS
(TA=25
Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Static
VGS=0V,ID= 250uA
N-Ch
20
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=-250uA
P-Ch
-20
VDS=VGS,ID=250uA
N-Ch
0.35
1.0
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250uA
P-Ch
-0.35
-0.8
V
VDS=0V,VGS=±12V
N-Ch
±100
Gate Leakage Current
IGSS
VDS=0V,VGS=±12V
P-Ch
±100
nA
VDS= 20V,VGS=0V
N-Ch
1
VDS=-20V,VGS=0V
P-Ch
-1
VDS= 20V,VGS=0V TJ=55℃
N-Ch
10
Zero Gate Voltage Drain
Current
IDSS
VDS=-20V,VGS=0V TJ=55℃
P-Ch
-10
uA
VDS≥ 4.5V,VGS = 5V
N-Ch
0.7
On-State Drain Current
ID(on)
VDS≤ -4.5V,VGS =-5V
P-Ch
-0.7
A
VGS=4.5V,ID=0.65A
N-Ch
0.26
0.38
VGS=-4.5V,ID=-0.45A
P-Ch
0.42
0.52
VGS=2.5V,ID=0.55A
N-Ch
0.32
0.45
VGS=-2.5V,ID=-0.35A
P-Ch
0.58
0.70
VGS=1.8V,ID=0.45A
N-Ch
0.42
0.80
Drain-Source On-Resistance RDS(on)
VGS=-1.8V,ID=-0.25A
P-Ch
0.75
0.95
VDS=10V,ID=0.4A
N-Ch
1.0
Forward Transconductance
gfs
VDS=-10V,ID=-0.25A
P-Ch
0.4
S
IS= 0.15A,VGS =0V
N-Ch
0.8
1.2
Diode Forward Voltage
VSD
IS=-0.15A,VGS =0V
P-Ch
-0.8
-1.2
V
Dynamic
N-Ch
1.2
1.5
Total Gate Charge
Qg
P-Ch
1.5
2.0
N-Ch
0.2
Gate-Source Charge
Qgs
P-Ch
0.3
N-Ch
0.3
Gate-Drain Charge
Qgd
N-Channel
VDS=10V,VGS=4.5V, ID≡0.6A
P-Channel
VDS=-10V,VGS=-4.5V ,ID≡-0.6A
P-Ch
0.35
nC
N-Ch
5
10
td(on)
P-Ch
5
10
N-Ch
8
15
Turn-On Time
tr
P-Ch
15
25
N-Ch
10
18
td(off)
P-Ch
8
15
N-Ch
1.2
2.8
Turn-Off Time
tf
N-Channel
VDD=10V,RL=10Ω ,
ID≡0.5A
VGEN=4.5V ,RG=6Ω
P-Channel
VDD=-10V,RL=10Ω ,
ID≡-0.4A
VGEN=-4.5V ,RG=6Ω
P-Ch
1.4
1.8
nS


Similar Part No. - SPC1016S56RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPC1016S56RG SYNC-POWER-SPC1016S56RG Datasheet
266Kb / 11P
   N & P Pair Enhancement Mode MOSFET
More results

Similar Description - SPC1016S56RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPC6605 SYNC-POWER-SPC6605 Datasheet
299Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC4533W SYNC-POWER-SPC4533W Datasheet
370Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC4533 SYNC-POWER-SPC4533 Datasheet
253Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC1810 SYNC-POWER-SPC1810 Datasheet
298Kb / 12P
   N & P Pair Enhancement Mode MOSFET
logo
Stanson Technology
STC4606 STANSON-STC4606 Datasheet
1Mb / 8P
   N&P Pair Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPC4539A SYNC-POWER-SPC4539A Datasheet
308Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6604 SYNC-POWER-SPC6604_14 Datasheet
287Kb / 12P
   N & P Pair Enhancement Mode MOSFET
SPC4539 SYNC-POWER-SPC4539 Datasheet
272Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6601 SYNC-POWER-SPC6601 Datasheet
264Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6602 SYNC-POWER-SPC6602 Datasheet
265Kb / 11P
   N & P Pair Enhancement Mode MOSFET
logo
Stanson Technology
STC6301D STANSON-STC6301D Datasheet
922Kb / 8P
   N&P Pair Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com