Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP97001 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP97001
Description  Low-Power Linear Active Thermistor ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP97001 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP97001 Datasheet HTML 3Page - Microchip Technology MCP97001 Datasheet HTML 4Page - Microchip Technology MCP97001 Datasheet HTML 5Page - Microchip Technology MCP97001 Datasheet HTML 6Page - Microchip Technology MCP97001 Datasheet HTML 7Page - Microchip Technology MCP97001 Datasheet HTML 8Page - Microchip Technology MCP97001 Datasheet HTML 9Page - Microchip Technology MCP97001 Datasheet HTML 10Page - Microchip Technology MCP97001 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21942B-page 7
MCP9700/01
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in DC Electrical
Characteristics.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Power Ground Pin (GND)
GND is the system ground pin.
3.2
Output Voltage Pin (VOUT)
The sensor output can be measured at VOUT. The
voltage range over the operating temperature range for
the MCP9700 is 100 mV to 1.75V and for the
MCP9701, 200 mV to 3V .
3.3
Power Supply Input (VDD)
The operating voltage as specified in the DC Electrical
Characteristics table is applied to VDD.
Pin No.
Name
Function
1
NC
No Connect
2
GND
Power Ground Pin
3VOUT
Output Voltage Pin
4VDD
Power Supply Input
5
NC
No Connect


Similar Part No. - MCP97001

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700 Datasheet
265Kb / 18P
   Low-Power Voltage Output Temperature Sensor
2005
MCP9700 MICROCHIP-MCP9700 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP9700 MICROCHIP-MCP9700 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
MCP9700 MICROCHIP-MCP9700 Datasheet
735Kb / 26P
   Low-Power Linear Active Thermistor ICs
Revision J November 2022
MCP9700 MICROCHIP-MCP9700 Datasheet
625Kb / 22P
   Low-Power Linear Active Thermistor ICs
Revision G June 2016
More results

Similar Description - MCP97001

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700_16 Datasheet
384Kb / 22P
   Low-Power Linear Active Thermistor ICs
07/14/15
MCP9700 MICROCHIP-MCP9700_06 Datasheet
942Kb / 18P
   Low-Power Linear Active Thermistor??ICs
2006
MCP9700 MICROCHIP-MCP9700_V01 Datasheet
625Kb / 22P
   Low-Power Linear Active Thermistor ICs
Revision G June 2016
MCP970X MICROCHIP-MCP970X Datasheet
735Kb / 26P
   Low-Power Linear Active Thermistor ICs
Revision J November 2022
MCP9700 MICROCHIP-MCP9700_09 Datasheet
757Kb / 24P
   Low-Power Linear Active Thermistor??ICs
2009
logo
KOA Speer Electronics, ...
LT732BTTD101J1000 KOA-LT732BTTD101J1000 Datasheet
249Kb / 2P
   linear positive tempco thermistor
LT732A KOA-LT732A Datasheet
90Kb / 2P
   linear positive tempco thermistor
LT732AT KOA-LT732AT Datasheet
76Kb / 4P
   Linear Positive Tempco Thermistor
logo
List of Unclassifed Man...
UPC451C ETC1-UPC451C Datasheet
44Kb / 1P
   INDUSTRIAL LINEAR ICS
logo
KOA Speer Electronics, ...
LT16CT26A102J3600 KOA-LT16CT26A102J3600 Datasheet
251Kb / 2P
   linear positive miniature tempco thermistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com