Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP20K100E Datasheet(PDF) 11 Page - Altera Corporation

Part # EP20K100E
Description  Programmable Logic Device Family
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP20K100E Datasheet(HTML) 11 Page - Altera Corporation

Back Button EP20K100E Datasheet HTML 7Page - Altera Corporation EP20K100E Datasheet HTML 8Page - Altera Corporation EP20K100E Datasheet HTML 9Page - Altera Corporation EP20K100E Datasheet HTML 10Page - Altera Corporation EP20K100E Datasheet HTML 11Page - Altera Corporation EP20K100E Datasheet HTML 12Page - Altera Corporation EP20K100E Datasheet HTML 13Page - Altera Corporation EP20K100E Datasheet HTML 14Page - Altera Corporation EP20K100E Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 117 page
background image
Altera Corporation
11
APEX 20K Programmable Logic Device Family Data Sheet
Logic Array Block
Each LAB consists of 10 LEs, the LEs’ associated carry and cascade chains,
LAB control signals, and the local interconnect. The local interconnect
transfers signals between LEs in the same or adjacent LABs, IOEs, or ESBs.
The Quartus II Compiler places associated logic within an LAB or
adjacent LABs, allowing the use of a fast local interconnect for high
performance. Figure 3 shows the APEX 20K LAB.
APEX 20K devices use an interleaved LAB structure. This structure allows
each LE to drive two local interconnect areas. This feature minimizes use
of the MegaLAB and FastTrack interconnect, providing higher
performance and flexibility. Each LE can drive 29 other LEs through the
fast local interconnect.
Figure 3. LAB Structure
To/From
Adjacent LAB,
ESB, or IOEs
To/From
Adjacent LAB,
ESB, or IOEs
The 10 LEs in the LAB are driven by
two local interconnect areas. These LEs
can drive two local interconnect areas.
Local Interconnect
LEs drive local
MegaLAB, row,
and column
interconnects.
Column
Interconnect
Row
Interconnect
MegaLAB Interconnect


Similar Part No. - EP20K100E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K100E ALTERA-EP20K100E Datasheet
718Kb / 117P
   Programmable Logic Device Family
EP20K100E ALTERA-EP20K100E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP20K100E ALTERA-EP20K100E Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP20K100E ALTERA-EP20K100E Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP20K100E ALTERA-EP20K100E Datasheet
724Kb / 117P
   Programmable Logic Device Family
More results

Similar Description - EP20K100E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com