Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2SGX60E Datasheet(PDF) 2 Page - Altera Corporation

Part # EP2SGX60E
Description  Enhanced Configuration (EPC) Devices Datasheet
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2SGX60E Datasheet(HTML) 2 Page - Altera Corporation

  EP2SGX60E Datasheet HTML 1Page - Altera Corporation EP2SGX60E Datasheet HTML 2Page - Altera Corporation EP2SGX60E Datasheet HTML 3Page - Altera Corporation EP2SGX60E Datasheet HTML 4Page - Altera Corporation EP2SGX60E Datasheet HTML 5Page - Altera Corporation EP2SGX60E Datasheet HTML 6Page - Altera Corporation EP2SGX60E Datasheet HTML 7Page - Altera Corporation EP2SGX60E Datasheet HTML 8Page - Altera Corporation EP2SGX60E Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Page 2
Functional Description
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
Pin selectable 2-ms or 100-ms power-on reset (POR) time
Configuration clock supports programmable input source and frequency synthesis
Multiple configuration clock sources supported (internal oscillator and
external clock input pin)
External clock source with frequencies up to 100 MHz
Internal oscillator defaults to 10 MHz and you can program the internal
oscillator for higher frequencies of 33, 50, and 66 MHz
Clock synthesis supported using user programmable divide counter
Available in the 100-pin plastic quad flat pack (PQFP) and the 88-pin Ultra
FineLine BGA (UFBGA) packages
Vertical migration between all devices supported in the 100-pin PQFP package
Supply voltage of 3.3 V (core and I/O)
Hardware compliant with IEEE Std. 1532 in-system programmability (ISP)
specification
Supports ISP using Jam Standard Test and Programming Language (STAPL)
Supports JTAG boundary scan
The nINIT_CONF pin allows private JTAG instruction to start FPGA configuration
Internal pull-up resistor on the nINIT_CONF pin always enabled
User programmable weak internal pull-up resistors on nCS and OE pins
Internal weak pull-up resistors on external flash interface address and control
lines, bus hold on data lines
Standby mode with reduced power consumption
f For more information about FPGA configuration schemes and advanced features,
refer to the configuration chapter in the appropriate device handbook.
Functional Description
The Altera EPC device is a single device with high speed and advanced configuration
solution for high-density FPGAs. The core of an EPC device is divided into two major
blocks—a configuration controller and a flash memory. The flash memory is used to
store configuration data for systems made up of one or more than one Altera FPGAs.
Unused portions of the flash memory can be used to store processor code or data that
can be accessed using the external flash interface after the FPGA configuration is
complete.


Similar Part No. - EP2SGX60E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX60E ALTERA-EP2SGX60E Datasheet
3Mb / 314P
   Stratix II GX Device
EP2SGX60E ALTERA-EP2SGX60E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2SGX60E ALTERA-EP2SGX60E Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP2SGX60E ALTERA-EP2SGX60E Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP2SGX60E ALTERA-EP2SGX60E Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
More results

Similar Description - EP2SGX60E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC8QC100N ALTERA-EPC8QC100N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC16UI88AA ALTERA-EPC16UI88AA Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC1441TC32N ALTERA-EPC1441TC32N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC16QI100N ALTERA-EPC16QI100N Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EPCQ256SI16N ALTERA-EPCQ256SI16N Datasheet
1Mb / 42P
   Quad-Serial Configuration (EPCQ) Devices Datasheet
EPC8QC100 ALTERA-EPC8QC100 Datasheet
421Kb / 36P
   2. Enhanced Configuration Devices (EPC4, EPC8 & EPC16) Data Sheet
EPC4 ALTERA-EPC4 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPCS1 ALTERA-EPCS1 Datasheet
241Kb / 32P
   Serial Configuration Devices
EPCS1 ALTERA-EPCS1_1 Datasheet
704Kb / 38P
   Serial Configuration Devices
logo
Infineon Technologies A...
DDB6U50N16W1R INFINEON-DDB6U50N16W1R Datasheet
420Kb / 13P
   Preliminary datasheet EasyBRIDGE module with chopper configuration
0.10 2021-07-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com