Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDN2987A-6-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # UDN2987A-6-T
Description  DABIC-5 8-Channel Source Driver with Overcurrent Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UDN2987A-6-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  UDN2987A-6-T Datasheet HTML 1Page - Allegro MicroSystems UDN2987A-6-T Datasheet HTML 2Page - Allegro MicroSystems UDN2987A-6-T Datasheet HTML 3Page - Allegro MicroSystems UDN2987A-6-T Datasheet HTML 4Page - Allegro MicroSystems UDN2987A-6-T Datasheet HTML 5Page - Allegro MicroSystems UDN2987A-6-T Datasheet HTML 6Page - Allegro MicroSystems UDN2987A-6-T Datasheet HTML 7Page - Allegro MicroSystems UDN2987A-6-T Datasheet HTML 8Page - Allegro MicroSystems UDN2987A-6-T Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DABIC-5 8-Channel Source Driver
with Overcurrent Protection
UDN2987x-6
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS, valid at T
A = 25°C, VOER = 2.4 V, VS = 35 V, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Units
Supply Voltage Functional Range
VS
4.75
35
V
Output Leakage Current2
IOUTCEX
VIN = 0.4 V, all inputs simultaneously
– 200
<–5.0
μA
Output Sustaining Voltage
VOUT(sus)
IOUT = –350 mA, L = 2.0 mH
35
V
Output Saturation Voltage
VOUT(SAT)
VIN = 2.4 V, IOUT = –100 mA
1.6
1.8
V
VIN = 2.4 V, IOUT = –225 mA
1.7
1.9
V
VIN = 2.4 V, IOUT = –350 mA
1.8
2.0
V
Channel Shut Down Threshold2
IM
VIN = 2.4 V, Vs = 30 V
–500
– 370
mA
FAULT Leakage Current
ICEX
VCC = 35 V
<1.0
100
μA
FAULT Saturation Voltage
VCE(SAT)
IC = 30 mA
0.3
0.8
V
Input Voltage
VIN(ON)
2.4
V
VIN(OFF)
0.4
V
Input Current: INx, OE/R
¯ pins
IIN(ON)
VIN = 2.4 V
100
μA
VIN = 5.0 V
600
μA
VIN = 12 V
1000
μA
IIN(OFF)
VIN = 0.4 V
15
μA
Clamp Diode Leakage Current
IR
VR = 35 V, TA = 70°C
50
μA
Clamp Diode Forward Voltage
VF
IF = 350 mA
1.5
1.8
V
Supply Current
IS(ON)
VIN = 2.4 V, all inputs simultaneously; outputs open
7.0
18
mA
IS(OFF)
VIN = 0.4 V, all inputs simultaneously
6.0
12
mA
Thermal Shut Down
TJTSD
165
°C
Thermal Hysteresis
TJTSDhys
—15—°C
Reset Pulse Duration
tRPD
1.0
μs
Propagation Delay Time
tPLH
VS = 35 V, RL = 100 Ω, CLOAD = 30 pF
100
600
ns
tPHL
VS = 35 V, RL = 100 Ω, CLOAD = 30 pF
200
1000
ns
Blank Time
tBLANK
1.0
μs
1Typical data are for initial design estimations only, and assume optimum manufacturing and application conditions. Performance may vary for indi-
vidual units, within the specified maximum and minimum limits.
2For input and output current specifications, negative current is defined as coming out of (sourcing) the specified device pin.


Similar Part No. - UDN2987A-6-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDN2987A-6-T ALLEGRO-UDN2987A-6-T Datasheet
656Kb / 9P
   DABIC-5 8-Channel Source Driver with Overcurrent Protection
More results

Similar Description - UDN2987A-6-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDN2987X-6 ALLEGRO-UDN2987X-6 Datasheet
656Kb / 9P
   DABIC-5 8-Channel Source Driver with Overcurrent Protection
UDN2987-6 ALLEGRO-UDN2987-6 Datasheet
252Kb / 9P
   DABIC-5 8-Channel Source Driver with Overcurrent Protection
2987 ALLEGRO-2987 Datasheet
84Kb / 8P
   8-CHANNEL SOURCE DRIVER WITH OVER-CURRENT PROTECTION
2985 ALLEGRO-2985 Datasheet
145Kb / 4P
   8-CHANNEL SOURCE DRIVER
A2982 ALLEGRO-A2982 Datasheet
313Kb / 8P
   8-Channel Source Driver
A6810 ALLEGRO-A6810 Datasheet
115Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
6818 ALLEGRO-6818 Datasheet
142Kb / 7P
   DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
logo
Infineon Technologies A...
IRS2890DS INFINEON-IRS2890DS Datasheet
718Kb / 26P
   Half-Bridge Driver with Overcurrent Protection
Rev 1.0 2017-03-02
logo
Renesas Technology Corp
RAA226110 RENESAS-RAA226110 Datasheet
510Kb / 23P
   Low-Side GAN FET Driver with Programmable Source Current and Adjustable Overcurrent Protection
Sep.15.20
logo
Allegro MicroSystems
6811 ALLEGRO-6811 Datasheet
156Kb / 8P
   DABiC-IV, 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
May 15, 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com