Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2SGX130G Datasheet(PDF) 11 Page - Altera Corporation

Part # EP2SGX130G
Description  Enhanced Configuration (EPC) Devices Datasheet
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2SGX130G Datasheet(HTML) 11 Page - Altera Corporation

Back Button EP2SGX130G Datasheet HTML 7Page - Altera Corporation EP2SGX130G Datasheet HTML 8Page - Altera Corporation EP2SGX130G Datasheet HTML 9Page - Altera Corporation EP2SGX130G Datasheet HTML 10Page - Altera Corporation EP2SGX130G Datasheet HTML 11Page - Altera Corporation EP2SGX130G Datasheet HTML 12Page - Altera Corporation EP2SGX130G Datasheet HTML 13Page - Altera Corporation EP2SGX130G Datasheet HTML 14Page - Altera Corporation EP2SGX130G Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Functional Description
Page 11
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
Multiple FPGAs can be configured using a single EPC device in FPP mode. In this
mode, multiple Stratix series FPGAs, APEX II FPGAs, or both, are cascaded together
in a daisy chain.
After the first FPGA completes configuration, its nCEO pin asserts to activate the nCE
pin for the second FPGA, which prompts the second device to start capturing
configuration data. In this setup, the FPGAs CONF_DONE pins are tied together, and
hence all devices initialize and enter user mode simultaneously. If the EPC device or
one of the FPGAs detects an error, configuration stops (and simultaneously restarts)
for the whole chain because the nSTATUS pins are tied together.
1 While Altera FPGAs can be cascaded in a configuration chain, the EPC devices cannot
be cascaded to configure larger devices or chains.
f For more information about configuration schematics and multi-device FPP
configuration, refer to the configuration chapter in the appropriate device handbook.
Passive Serial Configuration
APEX 20KC, APEX 20KE, APEX 20K, APEX II, Cyclone series, FLEX 10K, and Stratix
series devices can be configured using EPC devices in the PS mode. This mode is
similar to the FPP mode, with the exception that only one bit of data (DATA[0]) is
transmitted to the FPGA per DCLK cycle. The remaining DATA[7..1] output pins are
unused in this mode and driven low.
The configuration schematic for PS configuration of a single FPGA or single-serial
chain is identical to the FPP schematic, with the exception that only DATA[0] output
from the EPC device connects to the FPGA DATA0 input pin and the remaining
DATA[7..1]
pins are left floating.
f For more information about configuration schematics and multi-device PS
configuration, refer to the configuration chapter in the appropriate device handbook.
Concurrent Configuration
EPC devices support concurrent configuration of multiple FPGAs (or FPGA chains) in
PS mode. Concurrent configuration is when the EPC device simultaneously outputs n
bits of configuration data on the DATA[n-1..0] pins (n = 1, 2, 4, or 8), and each DATA[]
line serially configures a different FPGA chain. The number of concurrent serial
chains is user-defined using the Quartus II software and can be any number from 1 to
8. For example, for three concurrent chains, you can select the 4-bit PS mode and
connect the least significant DATA bits to the FPGAs or FPGA chains. Leave the most
significant DATA bit (DATA[3]) unconnected. Similarly, for 5-, 6-, or 7-bit concurrent
chains you can select the 8-bit PS mode.
f For more information about configuration interface connections including pull-up
resistor values, supply voltages, and MSEL pin settings, refer to the configuration
chapter in the appropriate device handbook.


Similar Part No. - EP2SGX130G

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX130G ALTERA-EP2SGX130G Datasheet
3Mb / 314P
   Stratix II GX Device
EP2SGX130G ALTERA-EP2SGX130G Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2SGX130G ALTERA-EP2SGX130G Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP2SGX130G ALTERA-EP2SGX130G Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP2SGX130G ALTERA-EP2SGX130G Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
More results

Similar Description - EP2SGX130G

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC16UC88N ALTERA-EPC16UC88N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC8QC100N ALTERA-EPC8QC100N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC16UI88AA ALTERA-EPC16UI88AA Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC16QI100N ALTERA-EPC16QI100N Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EPCQ256SI16N ALTERA-EPCQ256SI16N Datasheet
1Mb / 42P
   Quad-Serial Configuration (EPCQ) Devices Datasheet
EPC8QC100 ALTERA-EPC8QC100 Datasheet
421Kb / 36P
   2. Enhanced Configuration Devices (EPC4, EPC8 & EPC16) Data Sheet
EPC4 ALTERA-EPC4 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPCS1 ALTERA-EPCS1 Datasheet
241Kb / 32P
   Serial Configuration Devices
EPCS1 ALTERA-EPCS1_1 Datasheet
704Kb / 38P
   Serial Configuration Devices
logo
Infineon Technologies A...
DDB6U50N16W1R INFINEON-DDB6U50N16W1R Datasheet
420Kb / 13P
   Preliminary datasheet EasyBRIDGE module with chopper configuration
0.10 2021-07-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com