Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C56 Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC16C56
Description  8-Bit CMOS Microcontrollers
Download  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C56 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC16C56 Datasheet HTML 2Page - Microchip Technology PIC16C56 Datasheet HTML 3Page - Microchip Technology PIC16C56 Datasheet HTML 4Page - Microchip Technology PIC16C56 Datasheet HTML 5Page - Microchip Technology PIC16C56 Datasheet HTML 6Page - Microchip Technology PIC16C56 Datasheet HTML 7Page - Microchip Technology PIC16C56 Datasheet HTML 8Page - Microchip Technology PIC16C56 Datasheet HTML 9Page - Microchip Technology PIC16C56 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 337 page
background image
PIC16C6X
DS30234D-page 6
© 1997 Microchip Technology Inc.
TABLE 1-1:
PIC16C6X FAMILY OF DEVICES
PIC16C61
PIC16C62A
PIC16CR62
PIC16C63
PIC16CR63
Clock
Maximum Frequency
of Operation (MHz)
20
20
20
20
20
Memory
EPROM Program Memory
(x14 words)
1K
2K
4K
ROM Program Memory
(x14 words)
2K
4K
Data Memory (bytes)
36
128
128
192
192
Peripherals
Timer Module(s)
TMR0
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
Capture/Compare/
PWM Module(s)
112
2
Serial Port(s)
(SPI/I2C, USART)
SPI/I2C
SPI/I2C
SPI/I2C,
USART
SPI/I2C
USART
Parallel Slave Port
Features
Interrupt Sources
3
7
7
10
10
I/O Pins
13
22
22
22
22
Voltage Range (Volts)
3.0-6.0
2.5-6.0
2.5-6.0
2.5-6.0
2.5-6.0
In-Circuit Serial Programming
Yes
Yes
Yes
Yes
Yes
Brown-out Reset
Yes
Yes
Yes
Yes
Packages
18-pin DIP, SO 28-pin SDIP,
SOIC, SSOP
28-pin SDIP,
SOIC, SSOP
28-pin SDIP,
SOIC
28-pin SDIP,
SOIC
PIC16C64A
PIC16CR64
PIC16C65A
PIC16CR65
PIC16C66
PIC16C67
Clock
Maximum Frequency
of Operation (MHz)
20
20
20
20
20
20
Memory
EPROM Program Memory
(x14 words)
2K
4K
8K
8K
ROM Program Memory (x14
words)
—2K
4K
Data Memory (bytes)
128
128
192
192
368
368
Peripherals
Timer Module(s)
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
Capture/Compare/PWM Mod-
ule(s)
1
1
2
222
Serial Port(s) (SPI/I2C, USART)
SPI/I2C
SPI/I2C
SPI/I2C,
USART
SPI/I2C,
USART
SPI/I2C,
USART
SPI/I2C,
USART
Parallel Slave Port
Yes
Yes
Yes
Yes
Yes
Features
Interrupt Sources
8
8
11
11
10
11
I/O Pins
33
33
33
33
22
33
Voltage Range (Volts)
2.5-6.0
2.5-6.0
2.5-6.0
2.5-6.0
2.5-6.0
2.5-6.0
In-Circuit Serial Programming
Yes
Yes
Yes
Yes
Yes
Yes
Brown-out Reset
Yes
Yes
Yes
Yes
Yes
Yes
Packages
40-pin DIP;
44-pin PLCC,
MQFP, TQFP
40-pin DIP;
44-pin PLCC,
MQFP, TQFP
40-pin DIP;
44-pin PLCC,
MQFP, TQFP
40-pin DIP;
44-pin
PLCC,
MQFP,
TQFP
28-pin SDIP,
SOIC
40-pin DIP;
44-pin
PLCC,
MQFP,
TQFP
All PIC16/17 Family devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high I/O current
capability. All PIC16C6X Family devices use serial programming with clock pin RB6 and data pin RB7.


Similar Part No. - PIC16C56

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C56 MICROCHIP-PIC16C56 Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16C56 MICROCHIP-PIC16C56 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C56 MICROCHIP-PIC16C56 Datasheet
654Kb / 84P
   ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16C56 MICROCHIP-PIC16C56 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C56 MICROCHIP-PIC16C56 Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results

Similar Description - PIC16C56

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P80C5 SAMSUNG-S3P80C5 Datasheet
1Mb / 263P
   8-Bit CMOS Microcontrollers
S3C8275 SAMSUNG-S3C8275 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
S3C828B SAMSUNG-S3C828B Datasheet
3Mb / 369P
   8-BIT CMOS MICROCONTROLLERS
S3C852B SAMSUNG-S3C852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041A TOSHIBA-TMP90C041A Datasheet
364Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Microchip Technology
PIC16C6X MICROCHIP-PIC16C6X Datasheet
2Mb / 336P
   8-Bit CMOS Microcontrollers
1997 - 1999
logo
Samsung semiconductor
S3P852B SAMSUNG-S3P852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041 TOSHIBA-TMP90C041 Datasheet
324Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Samsung semiconductor
S3C825A SAMSUNG-S3C825A Datasheet
1Mb / 346P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041-15 TOSHIBA-TMP90C041-15 Datasheet
631Kb / 12P
   CMOS 8-BIT MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com