Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08052C103KAZ2A Datasheet(PDF) 3 Page - AVX Corporation

Part # 08052C103KAZ2A
Description  X7R Dielectric
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08052C103KAZ2A Datasheet(HTML) 3 Page - AVX Corporation

  08052C103KAZ2A Datasheet HTML 1Page - AVX Corporation 08052C103KAZ2A Datasheet HTML 2Page - AVX Corporation 08052C103KAZ2A Datasheet HTML 3Page - AVX Corporation 08052C103KAZ2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
16
X7R Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
0201
0402
0603
0805
1206
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wave
Packaging
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
(L) Length
MM
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
(in.)
(0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(W) Width
MM
0.30 ± 0.03
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
(in.)
(0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(t)
Terminal
MM
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
(in.)
(0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
10
16
16
25
50
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
500
Cap
100
A
A
(pF)
150
A
A
220
A
A
C
330
A
A
C
G
G
G
J
J
J
J
J
J
K
470
A
A
C
G
G
G
J
J
J
J
J
J
K
680
A
A
C
G
G
G
J
J
J
J
J
J
K
1000
A
A
C
G
G
G
J
J
J
J
J
J
K
1500
A
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
2200
A
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
3300
A
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
4700
A
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
6800
A
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
P
Cap
0.010
A
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
P
(µF
0.015
C
G
G
J
J
J
J
J
J
J
J
J
J
J
M
0.022
C
G
G
J
J
J
J
J
N
J
J
J
J
J
M
0.033
G
G
J
J
J
J
N
J
J
J
J
J
M
0.047
C
G
G
G
J
J
J
J
N
J
J
J
J
J
M
0.068
G
G
G
J
J
J
J
N
J
J
J
J
J
P
0.10
G
G
G
G
J
J
J
J
N
J
J
J
J
M
0.15
G
J
J
J
N
J
J
J
J
Q
0.22
G
J
J
N
N
J
J
J
J
Q
0.33
NN
N
N
J
J
M
P
Q
0.47
N
N
N
N
MMM
P
0.68
NN
N
M
M
Q
Q
1.0
J
J
N
N
N
M
M
Q
Q
1.5
PQ
Q
2.2
J
N
Q
Q
Q
3.3
4.7
PP
Q
10
PQ
Q
22
Q
47
100
WVDC
10
16
16
25
50
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
500
SIZE
0201
0402
0603
0805
1206
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
= Under Development


Similar Part No. - 08052C103KAZ2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08052C103KAZ2A AVX-08052C103KAZ2A Datasheet
80Kb / 4P
   X7R Dielectric General Specifications
08052C103KAZ2A AVX-08052C103KAZ2A Datasheet
131Kb / 4P
   General Specifications
08052C103KAZ2A AVX-08052C103KAZ2A Datasheet
131Kb / 4P
   General Specifications
08052C103KAZ2A AVX-08052C103KAZ2A Datasheet
81Kb / 4P
   General Specifications
08052C103KAZ2A AVX-08052C103KAZ2A Datasheet
95Kb / 4P
   X7R Dielectric General Specifications
More results

Similar Description - 08052C103KAZ2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04025C102KAT2A AVX-04025C102KAT2A Datasheet
131Kb / 4P
   X7R Dielectric
04025C151KAT2A AVX-04025C151KAT2A Datasheet
131Kb / 4P
   X7R Dielectric
04025C202JAT2A AVX-04025C202JAT2A Datasheet
131Kb / 4P
   X7R Dielectric
04025C331KAT2A AVX-04025C331KAT2A Datasheet
131Kb / 4P
   X7R Dielectric
04025C821JAT2A AVX-04025C821JAT2A Datasheet
131Kb / 4P
   X7R Dielectric
0201ZC103KAT2A AVX-0201ZC103KAT2A Datasheet
131Kb / 4P
   X7R Dielectric
08055C332KAT2A AVX-08055C332KAT2A Datasheet
131Kb / 4P
   X7R Dielectric
04023C331JAT2A AVX-04023C331JAT2A Datasheet
131Kb / 4P
   X7R Dielectric
04023C391KAT2A AVX-04023C391KAT2A Datasheet
131Kb / 4P
   X7R Dielectric
04023C392JAT2A AVX-04023C392JAT2A Datasheet
131Kb / 4P
   X7R Dielectric
04023C471KAT4A AVX-04023C471KAT4A Datasheet
131Kb / 4P
   X7R Dielectric
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com