Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX823R Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX823R
Description  5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX823R Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX823R Datasheet HTML 2Page - Maxim Integrated Products MAX823R Datasheet HTML 3Page - Maxim Integrated Products MAX823R Datasheet HTML 4Page - Maxim Integrated Products MAX823R Datasheet HTML 5Page - Maxim Integrated Products MAX823R Datasheet HTML 6Page - Maxim Integrated Products MAX823R Datasheet HTML 7Page - Maxim Integrated Products MAX823R Datasheet HTML 8Page - Maxim Integrated Products MAX823R Datasheet HTML 9Page - Maxim Integrated Products MAX823R Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
5-Pin Microprocessor Supervisory Circuits With
Watchdog Timer and Manual Reset
_______________________________________________________________________________________
7
_______________Detailed Description
RESET Output
A microprocessor’s (µP’s) reset input starts the µP in a
known state. The MAX823/MAX824/MAX825 µP super-
visory circuits assert a reset to prevent code-execution
errors during power-up, power-down, and brownout
conditions. RESET is guaranteed to be a logic low for
VCC down to 1V. Once VCC exceeds the reset thresh-
old, an internal timer keeps RESET low for the specified
reset timeout period (tRP); after this interval, RESET
returns high (Figure 2).
If a brownout condition occurs (VCC dips below the
reset threshold), RESET goes low. Each time RESET is
asserted it stays low for the reset timeout period. Any
time VCC goes below the reset threshold the internal
timer restarts. RESET both sources and sinks current.
RESET on the MAX824/MAX825 is the inverse of
RESET.
Manual Reset Input (MAX823/MAX825)
Many µP-based products require manual reset capabili-
ty, allowing the operator, a test technician, or external
logic circuitry to initiate a reset. On the MAX823/
MAX825, a logic low on MR asserts reset. Reset remains
asserted while MR is low, and for tRP (200ms nominal)
after it returns high. MR has an internal 52k
Ω pullup
resistor, so it can be left open if not used. This input can
be driven with CMOS logic levels or with open-drain/
collector outputs. Connect a normally open momentary
switch from MR to GND to create a manual-reset func-
tion; external debounce circuitry is not required. If MR is
driven from long cables or the device is used in a noisy
environment, connect a 0.1µF capacitor from MR to
GND to provide additional noise immunity.
Watchdog Input (MAX823/MAX824)
In the MAX823/MAX824, the watchdog circuit monitors
the µP’s activity. If the µP does not toggle the watchdog
input (WDI) within tWD (1.6s), reset asserts. The internal
1.6s timer is cleared by either a reset pulse or by tog-
gling WDI, which detects pulses as short as 50ns.
While reset is asserted, the timer remains cleared and
does not count. As soon as reset is released, the timer
starts counting (Figure 3).
Disable the watchdog function by leaving WDI uncon-
nected or by three-stating the driver connected to WDI.
The watchdog input is internally driven low during the
first 7/8 of the watchdog timeout period and high for the
last 1/8 of the watchdog timeout period. When WDI is
left unconnected, this internal driver clears the 1.6s
timer every 1.4s. When WDI is three-stated or uncon-
nected, the maximum allowable leakage current is
10µA and the maximum allowable load capacitance is
200pF.
Applications Information
Watchdog Input Current
The MAX823/MAX824 WDI inputs are internally driven
through a buffer and series resistor from the watchdog
counter (Figure 1). When WDI is left unconnected, the
watchdog timer is serviced within the watchdog timeout
period by a low-high-low pulse from the counter chain.
For minimum watchdog input current (minimum overall
power consumption), leave WDI low for the majority of
the watchdog timeout period, pulsing it low-high-low
once within the first 7/8 of the watchdog timeout period
to reset the watchdog timer. If WDI is externally driven
high for the majority of the timeout period, up to 160µA
can flow into WDI.
VCC
1V
1V
tRD
VRST
VRST
tRD
RESET
GND
RESET
tRP
tRP
Figure 2. Reset Timing Diagram
VCC
tWD
tRP
tRP
tRST
WDI
RESET*
*RESET ON THE MAX824/MAX825 IS THE INVERSE OF RESET.
Figure 3. MAX823/MAX824 Watchdog Timing Relationship


Similar Part No. - MAX823R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX823REUK MAXIM-MAX823REUK Datasheet
78Kb / 8P
   5-Pin Microprocessor Supervisory Circuits
Rev 1; 6/97
logo
Micrel Semiconductor
MAX823REUK MICREL-MAX823REUK Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
MAX823REXK MICREL-MAX823REXK Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
More results

Similar Description - MAX823R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
National Semiconductor ...
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Maxim Integrated Produc...
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com