Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX824L Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX824L
Description  5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX824L Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX824L Datasheet HTML 1Page - Maxim Integrated Products MAX824L Datasheet HTML 2Page - Maxim Integrated Products MAX824L Datasheet HTML 3Page - Maxim Integrated Products MAX824L Datasheet HTML 4Page - Maxim Integrated Products MAX824L Datasheet HTML 5Page - Maxim Integrated Products MAX824L Datasheet HTML 6Page - Maxim Integrated Products MAX824L Datasheet HTML 7Page - Maxim Integrated Products MAX824L Datasheet HTML 8Page - Maxim Integrated Products MAX824L Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5-Pin Microprocessor Supervisory Circuits With
Watchdog Timer and Manual Reset
_______________________________________________________________________________________
5
__________________________________________Typical Operating Characteristics
MAX823_, VCC = +5V, TA = +25°C, unless otherwise noted.)
1
3
2
6
5
4
8
7
9
-40
20
40
-20
0
60
80
100 120
TEMPERATURE (
°C)
VCC SUPPLY CURRENT
vs. TEMPERATURE
MAX823L
(SC70 ONLY)
MAX824Y
MAX825R
250
150
-40
-20
40
100
RESET TIMEOUT PERIOD
vs. TEMPERATURE
170
160
180
230
240
TEMPERATURE (
°C)
020
80
60
210
220
190
200
30
0
-40
-20
40
100
RESET COMPARATOR PROPAGATION DELAY
vs. TEMPERATURE
5
25
TEMPERATURE (
°C)
020
80
60
20
10
15
VCC FALLING
2.0
1.0
-40
-20
40
100
WATCHDOG TIMEOUT PERIOD
vs. TEMPERATURE
1.2
1.1
1.3
1.8
1.9
TEMPERATURE (
°C)
020
80
60
1.6
1.7
1.4
1.5
1.06
0.94
0.96
0.98
1.00
1.02
1.04
-40
-20
40
100
NORMALIZED RESET THRESHOLD
VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
020
80
60
0
10
5
20
15
30
25
35
45
40
50
040 6080
20
100 120 140
180
160
200
RESET THRESHOLD OVERDRIVE (mV), VRST - VCC
(SC70 ONLY)
MAXIMUM VCC TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
RESET OCCURS
ABOVE CURVE
MAX82_Y
MAX82_R
MAX82_L


Similar Part No. - MAX824L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX824LEUK MAXIM-MAX824LEUK Datasheet
78Kb / 8P
   5-Pin Microprocessor Supervisory Circuits
Rev 1; 6/97
logo
Micrel Semiconductor
MAX824LEUK MICREL-MAX824LEUK Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
MAX824LEXK MICREL-MAX824LEXK Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
More results

Similar Description - MAX824L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
National Semiconductor ...
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Maxim Integrated Produc...
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com