Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1540AETJ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1540AETJ
Description  Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1540AETJ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1540AETJ Datasheet HTML 2Page - Maxim Integrated Products MAX1540AETJ Datasheet HTML 3Page - Maxim Integrated Products MAX1540AETJ Datasheet HTML 4Page - Maxim Integrated Products MAX1540AETJ Datasheet HTML 5Page - Maxim Integrated Products MAX1540AETJ Datasheet HTML 6Page - Maxim Integrated Products MAX1540AETJ Datasheet HTML 7Page - Maxim Integrated Products MAX1540AETJ Datasheet HTML 8Page - Maxim Integrated Products MAX1540AETJ Datasheet HTML 9Page - Maxim Integrated Products MAX1540AETJ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Dual Step-Down Controllers with Saturation
Protection, Dynamic Output, and Linear Regulator
6
_______________________________________________________________________________________
Dual Mode is a trademark of Maxim Integrated Products, Inc.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Valley Current-Limit Threshold
(Fixed)
VLIM_ (VAL) VCSP_ - VCSN_, ILIM_ = VCC
45
50
55
mV
VILIM_ = 250mV
15
25
35
Valley Current-Limit Threshold
(Adjustable)
VLIM_ (VAL) VCSP_ - VCSN_
VILIM_ = 2.00V
170
200
230
mV
Current-Limit Threshold
(Negative)
VNEG
VCSP_ - VCSN _, SKIP = ILIM_ = VCC,
TA = +25°C
-90
-65
-45
mV
Current-Limit Threshold
(Zero Crossing)
VZX
With respect to valley current-limit
threshold, VCSP_ - VCSN _, SKIP = GND,
ILIM_ = VCC
2.5
mV
LSAT = VCC
180
200
220
LSAT = open
157
175
193
Inductor-Saturation Current-Limit
Threshold
With respect to
valley current-
limit threshold,
ILIM_ = VCC
LSAT = REF
135
150
165
%
ILIM_ Saturation Fault Sink
Current
IILIM_ (LSAT)
VCSP - VCSN > inductor saturation current
limit, 0.25V < VILIM_ < 2.0V
468
µA
ILIM_ Leakage Current
VCSP_ - VCSN _ < inductor saturation current
limit
0.1
µA
GATE DRIVERS
DH_ Gate-Driver On-Resistance
RDH
BST_-LX_ forced to 5V
1.5
5
Ω
DL_, high state
1.5
5
DL_ Gate-Driver On-Resistance
RDL
DL_, low state
0.6
3
Ω
DH_ Gate-Driver Source/Sink
Current
IDH
DH_ forced to 2.5V, BST_-LX_ forced to 5V
1
A
DL_ Gate-Driver Source Current
IDL
(SOURCE)
DL_ forced to 2.5V
1
A
DL_ Gate-Driver Sink Current
IDL (SINK)
DL_ forced to 2.5V
3
A
DL_ rising
35
Dead Time
tDEAD
DH_ rising
26
ns
INPUTS AND OUTPUTS
OD On-Resistance
ROD
GATE = VCC
10
25
Ω
OD Leakage Current
GATE = GND, OD forced to 5.5V
1
200
nA
Logic Input Threshold
ON1, ON2,
SKIP, GATE rising edge,
hysteresis = 225mV
1.2
1.7
2.2
V
LDOON Input Trip Level
Rising edge, hysteresis = 250mV
1.20
1.25
1.30
V
Logic Input Current
ON1, ON2, LDOON,
SKIP, GATE
-1
+1
µA
High
1.9
2.0
2.1
Dual Mode™ Threshold Voltage
FB1 (MAX1540A),
FB2 (MAX1540A/
MAX1541)
Low
0.05
0.1
0.15
V
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, VCC = VDD = ON1 = ON2 = 5V, SKIP = GND, LDOIN (MAX1541) = V+, TA = 0°C to +85°C, unless otherwise noted. Typical
values are at TA = +25
°C.)


Similar Part No. - MAX1540AETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
More results

Similar Description - MAX1540AETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540 MAXIM-MAX1540 Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
MAX1540A MAXIM-MAX1540A Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Skyworks Solutions Inc.
AAT2505 SKYWORKS-AAT2505 Datasheet
3Mb / 23P
   Dual Channel, Step-Down Converter/Linear Regulator
logo
Advanced Analogic Techn...
AAT2505 ANALOGICTECH-AAT2505 Datasheet
843Kb / 26P
   Dual Channel, Step-Down Converter/Linear Regulator
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com