Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911 Datasheet(PDF) 8 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 8 Page - ams AG

Back Button AS3911 Datasheet HTML 4Page - ams AG AS3911 Datasheet HTML 5Page - ams AG AS3911 Datasheet HTML 6Page - ams AG AS3911 Datasheet HTML 7Page - ams AG AS3911 Datasheet HTML 8Page - ams AG AS3911 Datasheet HTML 9Page - ams AG AS3911 Datasheet HTML 10Page - ams AG AS3911 Datasheet HTML 11Page - ams AG AS3911 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 149 page
background image
AS3911 – 8
ams Datasheet, Confidential: 2013-Oct [2-03]
E l ec t r i c al C h a r ac teri sti c s
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Operating Conditions
All defined tolerances for external components in this
specification need to be assured over the whole operation
condition range and also over lifetime.
Figure 6:
Operating Conditions
DC/AC Characteristics for Digital Inputs and
Outputs
CMOS Inputs:
Valid for input pins /SS, MOSI, and SCLK
Figure 7:
CMOS Inputs
Symbol
Parameter
Min
Max
Unit
Comments
VDD
Positive supply voltage
2.4
5.5
V
In case power supply is
lower than 2.6V, PSSR
cannot be improved using
internal regulators
(minimum regulated
voltage is 2.4V)
VDD_IO
Peripheral
communication supply
voltage
1.65
5.5
V
VSS
Negative supply voltage
0
0
V
TJUN
Junction temperature
-40
125
°C
VRFI_A
RFI input amplitude
150 milli
3
Vpp
Minimum RFI input signal
definition is meant for NFC
receive mode. In HF reader
mode and NFC transmit
mode, the recommended
signal level is 2.5Vpp
Symbol
Parameter
Min
Max
Unit
VIH
High level input voltage
0.7 * VDD_IO
V
VIL
Low level input voltage
0.3 * VDD_IO
V
ILEAK
Input leakage current
1
μA
Electrical Characteristics


Similar Part No. - AS3911

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3911 AMSCO-AS3911 Datasheet
2Mb / 159P
   NFC Initiator / HF Reader IC
2016-Jun-13
logo
List of Unclassifed Man...
AS3911-BQFT-1K ETC2-AS3911-BQFT-1K Datasheet
286Kb / 2P
   NFC for Point of Sale
logo
ams AG
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
   NFC Initiator / HF Reader IC
AS3911 AMSCO-AS3911_V01 Datasheet
2Mb / 159P
   NFC Initiator / HF Reader IC
2016-Jun-13
More results

Similar Description - AS3911

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
   NFC Initiator / HF Reader IC
AS3911 AMSCO-AS3911_V01 Datasheet
2Mb / 159P
   NFC Initiator / HF Reader IC
2016-Jun-13
logo
STMicroelectronics
ST25R3911B-DISCO STMICROELECTRONICS-ST25R3911B-DISCO Datasheet
537Kb / 5P
   Discovery kit for the ST25R3911B high performance HF reader / NFC initiator
June 2017 Rev 2
ST25R3911B STMICROELECTRONICS-ST25R3911B_V01 Datasheet
1Mb / 116P
   High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
April 2020
ST25R3911 STMICROELECTRONICS-ST25R3911 Datasheet
123Kb / 3P
   High performance HF reader / NFC initiator with 1 W supporting VHBR and AAT
November 2016 Rev 1
ST25R3914 STMICROELECTRONICS-ST25R3914_V01 Datasheet
172Kb / 3P
   Automotive high performance HF reader / NFC initiator with 1 W output power supporting AAT
June 2019
logo
Renesas Technology Corp
PTX105R RENESAS-PTX105R Datasheet
529Kb / 10P
   PTX105R NFC Reader IC
June 2022
logo
STMicroelectronics
ST25R3912 STMICROELECTRONICS-ST25R3912 Datasheet
2Mb / 130P
   High performance HF reader / NFC initiator for payment applications with 1 W output power
April 2022 Rev 9
logo
ELATEC GmbH
T4BT-FB2BEL2 ELATEC-T4BT-FB2BEL2 Datasheet
226Kb / 4P
   TWN4 MultiTech 2 HF Single-frequency HF RFID reader with NFC support
11/2023
T4BT-FB2BEL6 ELATEC-T4BT-FB2BEL6 Datasheet
227Kb / 4P
   TWN4 MultiTech 2 LF HF Multi-frequency RFID reader (LF/HF) with NFC support
11/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com